Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP0854P.TCT Datasheet(PDF) 7 Page - Semtech Corporation

Part # RCLAMP0854P.TCT
Description  RailClamp짰 Low Capacitance TVS Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0854P.TCT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button RCLAMP0854P.TCT Datasheet HTML 2Page - Semtech Corporation RCLAMP0854P.TCT Datasheet HTML 3Page - Semtech Corporation RCLAMP0854P.TCT Datasheet HTML 4Page - Semtech Corporation RCLAMP0854P.TCT Datasheet HTML 5Page - Semtech Corporation RCLAMP0854P.TCT Datasheet HTML 6Page - Semtech Corporation RCLAMP0854P.TCT Datasheet HTML 7Page - Semtech Corporation RCLAMP0854P.TCT Datasheet HTML 8Page - Semtech Corporation RCLAMP0854P.TCT Datasheet HTML 9Page - Semtech Corporation RCLAMP0854P.TCT Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
© 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
RClamp0854P
Applications Information
Figure 2 - USB OTG Protection
Figure 2 - USB OTG Protection
Figure 2 - USB OTG Protection
Figure 2 - USB OTG Protection
Figure 2 - USB OTG Protection
Figure 1- Pin Configuration & Circuit Diagram
Device Connection Options for Protecting One USB
Port
USB Data and ID lines are connected at pins 1, 2, and
3. These inputs are referenced to an internal 5 volt
TVS protection device. When the voltage on these
lines exceed 5 volts, the TVS will conduct. Pin 6 is
connected to the USB voltage bus (VBus). This device
will conduct when the voltage on the bus exceeds 5.5
volts. The center tab is connected to ground. The
path length should also be kept as short as possible to
minimize parasitic inductance. For best results,
multiple micro-vias are recommended to the ground
plane.
Protecting USB Interfaces
The RClamp0854P is optimized for use on systems
that utilize the USB interface for battery charging. Low
capacitance protection is provided for the USB data
(DM, DP) and USB ID pins. The maximum capacitance
on these lines is <1pF for maximum signal integrity.
All three lines are referenced to an internal 5 volt TVS
device. A separate 5.5 volt TVS device is used for
protection of the USB voltage bus. This allows battery
charging without signal clipping. A typical example is
shown in Figure 2.
VBus
Mini USB
DM
USB ID
GND
1
Gnd
1
2
3
4
5
DP
12
3
GND
6
5.5V
5.5V


Similar Part No. - RCLAMP0854P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0821P SEMTECH-RCLAMP0821P Datasheet
181Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0821P.TCT SEMTECH-RCLAMP0821P.TCT Datasheet
181Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
More results

Similar Description - RCLAMP0854P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0502A SEMTECH-RCLAMP0502A Datasheet
141Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504F SEMTECH-RCLAMP0504F Datasheet
182Kb / 9P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP1654P SEMTECH-RCLAMP1654P Datasheet
170Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504S SEMTECH-RCLAMP0504S Datasheet
211Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP3654P SEMTECH-RCLAMP3654P Datasheet
205Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
SRDA3.3-4 SEMTECH-SRDA3.3-4 Datasheet
179Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504P SEMTECH-RCLAMP0504P Datasheet
211Kb / 9P
   RailClamp짰 Low Capacitance TVS Array
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com