Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC03-3.3.TBT Datasheet(PDF) 5 Page - Semtech Corporation

Part # LC03-3.3.TBT
Description  Low Capacitance 3.3 Volt TVS for High Speed Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC03-3.3.TBT Datasheet(HTML) 5 Page - Semtech Corporation

  LC03-3.3.TBT Datasheet HTML 1Page - Semtech Corporation LC03-3.3.TBT Datasheet HTML 2Page - Semtech Corporation LC03-3.3.TBT Datasheet HTML 3Page - Semtech Corporation LC03-3.3.TBT Datasheet HTML 4Page - Semtech Corporation LC03-3.3.TBT Datasheet HTML 5Page - Semtech Corporation LC03-3.3.TBT Datasheet HTML 6Page - Semtech Corporation LC03-3.3.TBT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
LC03-3.3
Applications Information - SPICE Model
LC03-3.3 Spice Model
s
r
e
t
e
m
a
r
a
P
e
c
i
p
S
3
.
3
-
3
0
C
L
r
e
t
e
m
a
r
a
Pt
i
n
U)
S
V
T
(
1
D)
D
R
C
L
(
2
D
S
Ip
m
A0
2
-
E
0
.
13
1
-
E
8
9
.
3
V
Btl
o
V5
.
30
4
2
J
Vtl
o
V8
.
3
14
6
.
0
S
Rm
h
O7
5
2
0
.
08
4
0
.
0
V
B
Ip
m
A3
-
E
13
-
E
1
O
J
Cd
a
r
a
F9
-
e
4
.
32
1
-
E
0
.
8
T
Tc
e
s9
-
E
1
4
5
.
29
-
E
1
4
5
.
2
M--5
4
1
.
02
2
0
.
0
N--1
.
11
.
1
G
EV
e1
1
.
11
1
.
1
0.7 nH
D2
D2
D1
D2
D2


Similar Part No. - LC03-3.3.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LC03-3.3.TBT SEMTECH-LC03-3.3.TBT Datasheet
197Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
More results

Similar Description - LC03-3.3.TBT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LC03-3.3 SEMTECH-LC03-3.3 Datasheet
197Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
LC03-6 SEMTECH-LC03-6_08 Datasheet
285Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
LC03-6 TECHPUBLIC-LC03-6 Datasheet
2Mb / 5P
   Low Capacitance TVS for High-Speed Date interfaces
logo
Shanghai Leiditech Elec...
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Semtech Corporation
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com