Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP0503F Datasheet(PDF) 3 Page - Semtech Corporation

Part # RCLAMP0503F
Description  RailClamp짰 TVS Array for USB OTG Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0503F Datasheet(HTML) 3 Page - Semtech Corporation

  RCLAMP0503F Datasheet HTML 1Page - Semtech Corporation RCLAMP0503F Datasheet HTML 2Page - Semtech Corporation RCLAMP0503F Datasheet HTML 3Page - Semtech Corporation RCLAMP0503F Datasheet HTML 4Page - Semtech Corporation RCLAMP0503F Datasheet HTML 5Page - Semtech Corporation RCLAMP0503F Datasheet HTML 6Page - Semtech Corporation RCLAMP0503F Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
© 2009 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
RClamp0503F
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
Clamping Voltage vs. Peak Pulse Current
Pulse Waveform
Forward Voltage vs. Forward Current
0
1
2
3
4
5
012
3
456
Peak Pulse Current (A)
Waveform
Parameters:
tr = 8
μs
td = 20
μs
Pin 2 to I/O
I/O to Pin 5
Capacitance vs. Reverse Votlage
(Normalized to 0V)
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (
μs)
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e
-t
td = IPP/2
Waveform
Parameters:
tr = 8µs
td = 20µs
5
10
15
20
25
01234
56
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
Any I/O to
pin 2
Pin 5 to pin 2
0
0.5
1
1.5
2
012345
Reverse Voltage - VR (V)
Any I/O Pin
to Pin 2
f = 1MHz


Similar Part No. - RCLAMP0503F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0503F SEMTECH-RCLAMP0503F Datasheet
209Kb / 7P
   RailClamp짰 TVS Array for USB OTG Interfaces
RCLAMP0503F.TCT SEMTECH-RCLAMP0503F.TCT Datasheet
209Kb / 7P
   RailClamp짰 TVS Array for USB OTG Interfaces
More results

Similar Description - RCLAMP0503F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0503F SEMTECH-RCLAMP0503F Datasheet
209Kb / 7P
   RailClamp짰 TVS Array for USB OTG Interfaces
RCLAMP0502A SEMTECH-RCLAMP0502A Datasheet
141Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504F SEMTECH-RCLAMP0504F Datasheet
182Kb / 9P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0854P SEMTECH-RCLAMP0854P Datasheet
170Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP1654P SEMTECH-RCLAMP1654P Datasheet
170Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
RCLAMP0504S SEMTECH-RCLAMP0504S Datasheet
211Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0582N SEMTECH-RCLAMP0582N Datasheet
179Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP3654P SEMTECH-RCLAMP3654P Datasheet
205Kb / 10P
   RailClamp짰 Low Capacitance TVS Array
SRDA3.3-4 SEMTECH-SRDA3.3-4 Datasheet
179Kb / 8P
   RailClamp짰 Low Capacitance TVS Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com