Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25673A2102A040 Datasheet(PDF) 4 Page - EPCOS

Part # B25673A2102A040
Description  Film capacitors - Power Factor Correction PhaseCap Compact capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25673A2102A040 Datasheet(HTML) 4 Page - EPCOS

  B25673A2102A040 Datasheet HTML 1Page - EPCOS B25673A2102A040 Datasheet HTML 2Page - EPCOS B25673A2102A040 Datasheet HTML 3Page - EPCOS B25673A2102A040 Datasheet HTML 4Page - EPCOS B25673A2102A040 Datasheet HTML 5Page - EPCOS B25673A2102A040 Datasheet HTML 6Page - EPCOS B25673A2102A040 Datasheet HTML 7Page - EPCOS B25673A2102A040 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Film capacitors – Power Factor Correction
B25673A2102A040
PhaseCap Compact capacitors
MKK230-D-10-02
FK PC PM PFC
May 2009
Please read Cautions and warnings and
Page 4 of 8
Important notes at the end of this document
.
Switching voltages
Max. 10 000 switchings per year
Dimensional drawing
Safety
Mechanical safety
Overpressure disconnector
Max. short circuit current
(AFC: 10 kA)
Discharge resistor time
≤ 1 min to 75 V or less
Reference standards
IEC 60831-1/2
Design data
Dimensions (
 × l)
116 × 200 mm
Weight approx
2.2 kg
Impregnation
Non PCB, Semi-dry biodegradable
resin
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm
Mounting position
Any mounting position possible. See
“Maintenance and Installation
Manual” for further details.
Terminals
Degree of protection
Isolated terminals, IP20
Max. torque
2.0 Nm
Terminal cross section
25 mm
2
Maximum terminal current
60 A
Creepage distance (min)
12.7 mm
Clearance (min)
9.6 mm


Similar Part No. - B25673A2102A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B25673A2102A040 TDK-B25673A2102A040 Datasheet
201Kb / 10P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B25673A2102A040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25673A2052A040 EPCOS-B25673A2052A040 Datasheet
396Kb / 8P
   Film capacitors - Power Factor Correction PhaseCap Compact Capacitors
B25673A4122A500 EPCOS-B25673A4122A500 Datasheet
375Kb / 8P
   Film capacitors - Power Factor Correction PhaseCap Compact capacitors
B25673A2072A540 EPCOS-B25673A2072A540 Datasheet
375Kb / 8P
   Film capacitors - Power Factor Correction PhaseCap Compact capacitors
B25667B4417A365 EPCOS-B25667B4417A365 Datasheet
256Kb / 8P
   PhaseCap capacitors for power factor correction
B25669-A3996-J375 EPCOS-B25669-A3996-J375 Datasheet
35Kb / 1P
   PhaseCap HD Capacitors for Power Factor Correction
B25669B4927J375 EPCOS-B25669B4927J375 Datasheet
163Kb / 7P
   PhaseCap HD Capacitors for Power Factor Correction
B25673A4201A000 EPCOS-B25673A4201A000 Datasheet
375Kb / 8P
   Film capacitors - Power Factor Correction
B25671A4237A365 EPCOS-B25671A4237A365_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A5012A020 EPCOS-B25671A5012A020 Datasheet
139Kb / 8P
   Film Capacitors - Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175_08 Datasheet
344Kb / 8P
   Film capacitors - Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com