Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54060DRC Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54060DRC
Description  0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54060DRC Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54060DRC Datasheet HTML 5Page - Texas Instruments TPS54060DRC Datasheet HTML 6Page - Texas Instruments TPS54060DRC Datasheet HTML 7Page - Texas Instruments TPS54060DRC Datasheet HTML 8Page - Texas Instruments TPS54060DRC Datasheet HTML 9Page - Texas Instruments TPS54060DRC Datasheet HTML 10Page - Texas Instruments TPS54060DRC Datasheet HTML 11Page - Texas Instruments TPS54060DRC Datasheet HTML 12Page - Texas Instruments TPS54060DRC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
100
105
110
115
120
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
V
-V
SENSE
V =12V,
T =25°C
I
J
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
0
0.5
1
1.5
2
0
10
20
30
40
50
60
V -InputVoltage-V
I
T =25°C
J
90
100
110
120
130
140
0
20
40
60
V -InputVoltage-V
I
T =25 C,
V
=0.83V
J
I(VSENSE)
o
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V,
V
=0.83V
I
I(VSENSE)
TPS54060
www.ti.com
SLVS919A – JANUARY 2009 – REVISED JULY 2010
TYPICAL CHARACTERISTICS (continued)
SS/TR DISCHARGE CURRENT vs JUNCTION
TEMPERATURE
SWITCHING FREQUENCY vs VSENSE
Figure 13.
Figure 14.
SHUTDOWN SUPPLY CURRENT vs JUNCTION
TEMPERATURE
SHUTDOWN SUPPLY CURRENT vs INPUT VOLTAGE (Vin)
Figure 15.
Figure 16.
VIN SUPPLY CURRENT vs JUNCTION TEMPERATURE
VIN SUPPLY CURRENT vs INPUT VOLTAGE
Figure 17.
Figure 18.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS54060


Similar Part No. - TPS54060DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060DGQ TI-TPS54060DGQ Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060DGQR TI-TPS54060DGQR Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results

Similar Description - TPS54060DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_08 Datasheet
1Mb / 47P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54160 TI-TPS54160 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54140 TI-TPS54140 Datasheet
1Mb / 46P
[Old version datasheet]   1.5-A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI-TPS54240 Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com