Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54060DGQ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54060DGQ
Description  0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54060DGQ Datasheet(HTML) 4 Page - Texas Instruments

  TPS54060DGQ Datasheet HTML 1Page - Texas Instruments TPS54060DGQ Datasheet HTML 2Page - Texas Instruments TPS54060DGQ Datasheet HTML 3Page - Texas Instruments TPS54060DGQ Datasheet HTML 4Page - Texas Instruments TPS54060DGQ Datasheet HTML 5Page - Texas Instruments TPS54060DGQ Datasheet HTML 6Page - Texas Instruments TPS54060DGQ Datasheet HTML 7Page - Texas Instruments TPS54060DGQ Datasheet HTML 8Page - Texas Instruments TPS54060DGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
TPS54060
SLVS919A – JANUARY 2009 – REVISED JULY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 150°C, VIN = 3.5 to 60V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
Current limit threshold
VIN = 12 V, TJ = 25°C
0.6
0.94
A
THERMAL SHUTDOWN
Thermal shutdown
182
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching Frequency Range using
100
2500
kHz
RT mode
fSW
Switching frequency
RT = 200 kΩ
450
581
720
kHz
Switching Frequency Range using
300
2200
kHz
CLK mode
Minimum CLK input pulse width
40
ns
RT/CLK high threshold
1.9
2.2
V
RT/CLK low threshold
0.5
0.7
V
RT/CLK falling edge to PH rising
Measured at 500 kHz with RT resistor in series
60
ns
edge delay
PLL lock in time
Measured at 500 kHz
100
ms
SLOW START AND TRACKING (SS/TR)
Charge current
VSS/TR = 0.4 V
2
mA
SS/TR-to-VSENSE matching
VSS/TR = 0.4 V
45
mV
SS/TR-to-reference crossover
98% nominal
1.0
V
SS/TR discharge current (overload)
VSENSE = 0 V, V(SS/TR) = 0.4 V
112
mA
SS/TR discharge voltage
VSENSE = 0 V
54
mV
POWER GOOD (PWRGD PIN)
VSENSE falling
92%
VSENSE rising
94%
VVSENSE
VSENSE threshold
VSENSE rising
109%
VSENSE falling
107%
Hysteresis
VSENSE falling
2%
Output high leakage
VSENSE = VREF, V(PWRGD) = 5.5 V, 25°C
10
nA
On resistance
I(PWRGD) = 3 mA, VSENSE < 0.79 V
50
Minimum VIN for defined output
V(PWRGD) < 0.5 V, II(PWRGD) = 100 mA
0.95
1.5
V
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54060


Similar Part No. - TPS54060DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060DGQ TI-TPS54060DGQ Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060DGQR TI-TPS54060DGQR Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results

Similar Description - TPS54060DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_08 Datasheet
1Mb / 47P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54160 TI-TPS54160 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54140 TI-TPS54140 Datasheet
1Mb / 46P
[Old version datasheet]   1.5-A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI-TPS54240 Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com