Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA35-EFTTF01 Datasheet(PDF) 1 Page - Schurter Inc.

Part # TA35-EFTTF01
Description  Thermal Circuit Breaker
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA35-EFTTF01 Datasheet(HTML) 1 Page - Schurter Inc.

  TA35-EFTTF01 Datasheet HTML 1Page - Schurter Inc. TA35-EFTTF01 Datasheet HTML 2Page - Schurter Inc. TA35-EFTTF01 Datasheet HTML 3Page - Schurter Inc. TA35-EFTTF01 Datasheet HTML 4Page - Schurter Inc. TA35-EFTTF01 Datasheet HTML 5Page - Schurter Inc. TA35-EFTTF01 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image

circuit breakers
circuit breakers
Description
– Thermalcircuitbreaker1-,2-or3-pole
– Supplementaryprotectorforgeneralindustrialuse
– Positivelytrip-freerelease
– Bezel/knobsnap-on
– Easyactuationwithgloves
– Frontelementscanbedonebycustomer
Standards
– IEC60934
– UL1077
– CSAC22.2235
– GB17701
Applications
– Highpressurecleaners
– Floorcleaningequipment
– Powertools
– Woodandstoneworkingmachines
– Equipmentforbuildingconstruction
– Industrialequipment
– Commercialkitchenappliances
Weblinks
Approvals:http://www.schurter.com/approvals
RoHS:http://www.schurter.com/rohs
2-polestandardversion
3-poletypewithoutfrontbezel/knob
standardfrontbezel/knob
Thermal Circuit Breaker, rotary knob actuation, 1-, - or 3-pole
Technical Data
Rated voltage Ue
1-pole
AC 240 V / 50/60 Hz
DC 32 V
2-pole
AC 240 V / 50/60 Hz
DC 60 V
3-pole
AC 415 Y/240 V / 50/60 Hz
Rated current In
1- / 2-pole
0.05 – 20 A
3-pole
0.05 – 12 A
Conditional short
1- / 2-pole, AC 240 V
0.05…20 A: 2000 A, SC (C1)
circuit Inc
3-pole, AC 415 V
0.05…12 A: 2000 A
Degree of protection
Accessible range
IP 40
Terminal side
IP 00
Dielectric strength
50 Hz
> 2500 V
Impulse 1.2/50 µs
> 4000 V
Insulation resistance
DC 500 V
> 100 MOhm
Endurance (typical)
Mechanical
50’000 cycles
AC: 1 x In, cos phi 0.6
50’000 cycles
DC: 1 x In, L/R = 2…3ms 50’000 cycles
Overload
IEC 60934
min. 40 cycles @ 6 x In,
cos phi 0.6
UL 1077
min. 50 cycles @ 1.5 x In,
cos phi 0.75 (OLØ)
Admissible ambient
–30 °C to +60 °C
air temperature
Resistance to vibration
IEC 60068-2-6, Test Tc
10…60 Hz: ±0.75 mm
60…500 Hz: 10 G
Shock resistance
IEC 60068-2-27, Test Ea 30 G / 18 ms
Type of tripping
Thermal positively trip free
Weight
1-pole
45 g
2-pole
60 g
3-pole
75 g
Max. switching capacity 1-, 2-pole
20 A
for switch only types
3-pole
12 A
(without bimetal)


Similar Part No. - TA35-EFTTF01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TA35-C123FJ10 SCHURTER-TA35-C123FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C123HJ10 SCHURTER-TA35-C123HJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C123KJ10 SCHURTER-TA35-C123KJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C124FJ10 SCHURTER-TA35-C124FJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
TA35-C124HJ10 SCHURTER-TA35-C124HJ10 Datasheet
801Kb / 7P
   IEC Appliance Inlet C14 or C18 with Circuit Breaker TA35 2-pole
More results

Similar Description - TA35-EFTTF01

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
102774 PHOENIX-102774 Datasheet
197Kb / 3P
   Thermal Circuit Breaker
11/2006
100212 PHOENIX-100212 Datasheet
175Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
   Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
   Resettable Thermal Circuit Breaker
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
   Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
logo
PHOENIX CONTACT
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
   Thermal device circuit breaker - TCP 0.1A
15.05.2012
logo
ETAL Group
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
   Single pole thermal reset circuit breaker
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
   Thermal Overcurrent Circuit Breaker 1410-L/-G
logo
PHOENIX CONTACT
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
   Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com