Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4977 Datasheet(PDF) 1 Page - Semtech Corporation

Part # 1N4977
Description  Axial Leaded, Hermetically Sealed, 5 WATT Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N4977 Datasheet(HTML) 1 Page - Semtech Corporation

  1N4977 Datasheet HTML 1Page - Semtech Corporation 1N4977 Datasheet HTML 2Page - Semtech Corporation 1N4977 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER DISCRETES
1
www.semtech.com
1N4954 THRU 1N4990
Axial Leaded, Hermetically Sealed,
5 WATT Voltage Regulators
Features
Revision: June 2010
Quick reference data
V
R =
6.8 - 220V
IZ (MAX) = 21.6mA - 700mA
Z
Z =
1
Ω - 550Ω
I
R
= 2
µA - 150µA
Low dynamic impedance
Hermetically sealed.
5 Watt applications
Low reverse leakage currents
Small package
These products qualified to MIL-PRF-19500/356.
They can be supplied fully released as JAN,
JANTX , JANTXV and JANS versions
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.
e
c
i
v
e
D
s
e
p
y
T
V
Z
m
o
N
V
Z
n
i
M
V
Z
x
a
M
I
Z
t
s
e
T
t
n
e
r
r
u
C
T
A +
=
C
°
5
2
Z
Z
.
d
e
p
m
I
Z
K
e
e
n
K
.
d
e
p
m
I
I
Z
x
a
M
C
D
t
n
e
r
r
u
C
V
z
)
g
e
r
(
e
g
a
t
l
o
V
.
g
e
R
I
M
S
Z
@
T
A
+
=
C
°
5
2
V
R
e
s
r
e
v
e
R
e
g
a
t
l
o
V
I
R
e
s
r
e
v
e
R
t
n
e
r
r
u
C
C
D
ααααα Z
V
.
p
m
e
T
.
f
f
e
o
C
I
R
e
s
r
e
v
e
R
t
n
e
r
r
u
C
C
D
T
A +
=
C
°
0
5
1
I
K
Z
t
s
e
T
t
n
e
r
r
u
C
V
V
V
A
m
A
m
V
A
V
A
µ
C
°
/
%
A
µ
A
m
4
5
9
4
N
1
8
.
6
6
4
.
6
4
1
.
7
5
7
1
1
0
0
0
1
0
0
7
7
.
3
.
9
2
2
.
5
0
5
1
5
0
.
0
5
7
0
.
1
5
5
9
4
N
1
5
.
7
3
1
.
7
7
8
.
7
5
7
1
5
.
1
0
0
8
0
3
6
7
.
4
.
6
2
7
.
5
0
0
1
6
0
.
0
0
5
0
.
1
6
5
9
4
N
1
2
.
8
9
7
.
7
1
6
.
8
0
5
1
5
.
1
0
0
6
0
8
5
7
.
4
2
2
.
6
0
5
6
0
.
0
0
3
0
.
1
7
5
9
4
N
1
1
.
9
5
6
.
8
5
5
.
9
0
5
1
2
0
0
4
0
2
5
7
.
2
2
9
.
6
5
2
6
0
.
0
0
2
0
.
1
8
5
9
4
N
1
0
.
0
1
0
5
.
9
0
5
.
0
1
5
2
1
2
5
2
1
5
7
4
8
.
0
2
6
.
7
5
2
7
0
.
0
0
2
0
.
1
9
5
9
4
N
1
0
.
1
1
5
4
.
0
1
5
5
.
1
1
5
2
1
5
.
2
0
3
1
0
3
4
8
.
9
1
4
.
8
0
1
7
0
.
0
5
1
0
.
1
0
6
9
4
N
1
0
.
2
1
0
4
.
1
1
0
6
.
2
1
0
0
1
5
.
2
0
4
1
5
9
3
8
.
8
1
1
.
9
0
1
7
0
.
0
5
1
0
.
1
1
6
9
4
N
1
0
.
3
1
5
3
.
2
1
5
6
.
3
1
0
0
1
3
5
4
1
5
6
3
9
.
6
1
9
.
9
0
1
8
0
.
0
5
1
0
.
1
2
6
9
4
N
1
5
1
5
2
.
4
1
5
7
.
5
1
5
7
5
.
3
0
5
1
5
1
3
0
.
1
2
1
4
.
1
1
0
.
5
8
0
.
0
0
1
0
.
1
3
6
9
4
N
1
6
1
0
2
.
5
1
0
8
.
6
1
5
7
5
.
3
5
5
1
4
9
2
1
.
1
0
1
2
.
2
1
0
.
5
8
0
.
0
0
1
0
.
1
4
6
9
4
N
1
8
1
0
1
.
7
1
0
9
.
8
1
5
6
0
.
4
0
6
1
4
6
2
2
.
1
0
.
9
7
.
3
1
0
.
5
5
8
0
.
0
0
1
0
.
1
5
6
9
4
N
1
0
2
0
0
.
9
1
0
0
.
1
2
5
6
5
.
4
5
6
1
7
3
2
5
.
1
0
.
8
2
.
5
1
0
.
2
5
8
0
.
0
0
1
0
.
1
6
6
9
4
N
1
2
2
0
9
.
0
2
0
1
.
3
2
0
5
0
.
5
0
7
1
6
1
2
8
.
1
0
.
7
7
.
6
1
0
.
2
5
8
0
.
0
0
1
0
.
1
7
6
9
4
N
1
4
2
8
.
2
2
2
.
5
2
0
5
5
5
7
1
8
9
1
0
.
2
5
.
6
2
.
8
1
0
.
2
9
0
.
0
0
1
0
.
1
8
6
9
4
N
1
7
2
7
.
5
2
3
.
8
2
0
5
6
0
8
1
6
7
1
0
.
2
0
.
6
6
.
0
2
0
.
2
9
0
.
0
0
1
0
.
1
9
6
9
4
N
1
0
3
5
.
8
2
5
.
1
3
0
4
8
0
9
1
8
5
1
5
.
2
5
.
5
8
.
2
2
0
.
2
9
0
.
0
0
1
0
.
1
0
7
9
4
N
1
3
3
4
.
1
3
6
.
4
3
0
4
0
1
0
0
2
4
4
1
8
.
2
0
.
5
1
.
5
2
0
.
2
5
9
0
.
0
0
1
0
.
1
Description


Similar Part No. - 1N4977

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4977 SEMTECH-1N4977 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
Microsemi Corporation
1N4977 MICROSEMI-1N4977 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N4977 MICROSEMI-1N4977 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
1N4977 MICROSEMI-1N4977 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Sensitron
1N4977 SENSITRON-1N4977 Datasheet
127Kb / 3P
   Zener 5W Voltage Regulator
More results

Similar Description - 1N4977

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4460 SEMTECH-1N4460 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
List of Unclassifed Man...
X150FG ETC1-X150FG Datasheet
56Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED
logo
Semtech Corporation
1N6638 SEMTECH-1N6638 Datasheet
136Kb / 4P
   Axial Leaded Hermetically Sealed Switching Diodes
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A Datasheet
85Kb / 2P
   1.0 Watt Hermetically Sealed Glass Zener Voltage Regulators
logo
Semtech Corporation
PF20 SEMTECH-PF20_07 Datasheet
116Kb / 4P
   Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
2PF140 SEMTECH-2PF140 Datasheet
112Kb / 3P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
PFM50A SEMTECH-PFM50A Datasheet
94Kb / 3P
   Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
logo
New Jersey Semi-Conduct...
F40A NJSEMI-F40A Datasheet
143Kb / 3P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
F15 NJSEMI-F15 Datasheet
74Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
SFF30 NJSEMI-SFF30 Datasheet
88Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com