Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0001.1032 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0001.1032
Description  Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0001.1032 Datasheet(HTML) 1 Page - Schurter Inc.

  0001.1032 Datasheet HTML 1Page - Schurter Inc. 0001.1032 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Non resettable fuses
SP 6.3x32
www.schurter.com/pg0_2
Fuses
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
250VAC · Quick-Acting F
Description
-H=HighBreakingCapacity
Applications
-Industrialelectronic
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC
RatedCurrent
0.5-20A
BreakingCapacity
1000A-1500A
Characteristic
Quick-ActingF
Mounting
Fuseholder/Clip
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Tube
Glasswithsandfilling
Material:Endcaps
Nickel-PlatedCopperAlloy
UnitWeight
2.51g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current,Voltage,Characteristic,
Approvals
ResistancetoVibration
acc.toIEC60068-2-6,testFc
Dimensions
32mm
 
31.8±1
Pre-Arcing Time
Rated Current In
.5 x In min. 2. x In max.
2.75 x In
min.
2.75 x In
max.
4.0 x In min. 4.0 x In max.
0.0 x In
max.
0.5 A - 4 A
60 min
60 min
70 ms
5 s
10 ms
150 ms
10 ms
5 A - 20 A
60 min
60 min
150 ms
2 s
25 ms
200 ms
20 ms


Similar Part No. - 0001.1032

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0001.1001 SCHURTER-0001.1001 Datasheet
338Kb / 2P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
logo
Cherry Semiconductor Co...
0001.1001.PT CHERRY-0001.1001.PT Datasheet
438Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Schurter Inc.
0001.1001.PT SCHURTER-0001.1001.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
logo
Cherry Semiconductor Co...
0001.1001.TR CHERRY-0001.1001.TR Datasheet
438Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Schurter Inc.
0001.1001.TR SCHURTER-0001.1001.TR Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
More results

Similar Description - 0001.1032

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SP6.3X32 SCHURTER-SP6.3X32_18 Datasheet
233Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
00341736 SCHURTER-00341736 Datasheet
265Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, 250 VAC
00345107 SCHURTER-00345107 Datasheet
274Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
FSF6.3X32UL SCHURTER-FSF6.3X32UL Datasheet
244Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
FSF6.3X32 SCHURTER-FSF6.3X32_V01 Datasheet
180Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
04.01.2022
FSF6.3X32UL SCHURTER-FSF6.3X32UL_V01 Datasheet
257Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
29.09.2021
A12BK SCHURTER-A12BK Datasheet
321Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, NNO, 250 VAC
172582 SCHURTER-172582_V02 Datasheet
198Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
A12FA250V SCHURTER-A12FA250V_18 Datasheet
271Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
A12FA250V SCHURTER-A12FA250V_V02 Datasheet
273Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com