Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13155D Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC13155D
Description  Wideband FM IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13155D Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC13155D Datasheet HTML 4Page - Motorola, Inc MC13155D Datasheet HTML 5Page - Motorola, Inc MC13155D Datasheet HTML 6Page - Motorola, Inc MC13155D Datasheet HTML 7Page - Motorola, Inc MC13155D Datasheet HTML 8Page - Motorola, Inc MC13155D Datasheet HTML 9Page - Motorola, Inc MC13155D Datasheet HTML 10Page - Motorola, Inc MC13155D Datasheet HTML 11Page - Motorola, Inc MC13155D Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC13155
8
MOTOROLA ANALOG IC DEVICE DATA
S–Parameters (VEE = – 5.0 Vdc, TA = 25°C, C2 and C15 = 680 pF)
Frequency
Input S11
Forward S21
Rev S12
Output S22
K
MAG
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
MAG
dB
1.0
0.74
4.0
53.6
110
0.001
101
0.97
–35
0.58
2.0
0.90
3.0
70.8
55
0.001
60
0.68
–34
1.4
45.6
5.0
0.91
0
87.1
21
0.001
–121
0.33
–60
1.1
49
7.0
0.91
0
90.3
11
0.001
–18
0.25
–67
1.2
48.4
10
0.91
– 2.0
92.4
2.0
0.001
33
0.14
–67
1.5
47.5
20
0.91
– 4.0
95.5
–16
0.001
63
0.12
–15
1.3
48.2
50
0.90
– 8.0
89.7
–50
0.001
–43
0.24
26
1.8
46.5
70
0.90
–10
82.6
–70
0.001
92
0.33
21
1.4
47.4
100
0.91
–14
77.12
–93
0.001
23
0.42
–1.0
1.05
49
150
0.94
–20
62.0
–122
0.001
96
0.42
–22
0.54
200
0.95
–33
56.9
–148
0.003
146
0.33
–62
0.75
500
0.82
–63
12.3
–12
0.007
79
0.44
–67
1.8
26.9
700
0.66
–98
3.8
–107
0.014
84
0.40
–115
4.8
14.6
900
0.56
–122
1.3
177
0.028
78
0.39
–166
8.0
4.7
1000
0.54
–139
0.87
141
0.048
76
0.41
165
7.4
0.96
S–Parameters (VEE = – 3.0 Vdc, TA = 25°C, C2 and C15 = 0 pF)
Frequency
Input S11
Forward S21
Rev S12
Output S22
K
MAG
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
MAG
dB
1.0
0.89
–14
9.3
136
0.001
2.0
0.84
–27
3.2
30.7
2.0
0.76
–22
24.2
105
0.001
–90
0.67
–37
3.5
34.3
5.0
0.52
5.0
35.7
46
0.001
–32
0.40
–13
10.6
33.3
7.0
0.59
12
38.1
34
0.001
–41
0.40
–10
9.1
34.6
10
0.78
15
37.2
16
0.001
–92
0.40
–1.0
5.7
36.3
20
0.95
5.0
38.2
– 9.0
0.001
47
0.51
– 4.0
0.94
50
0.96
–11
39.1
–50
0.001
–103
0.48
– 6.0
1.4
43.7
70
0.93
–17
36.8
–71
0.001
–76
0.52
–13
2.2
41.4
100
0.91
–25
34.7
–99
0.001
–152
0.51
–19
3.0
39.0
150
0.86
–37
33.8
–143
0.001
53
0.49
–34
1.7
39.1
200
0.81
–49
27.8
86
0.003
76
0.55
–56
2.4
35.1
500
0.70
–93
6.2
–41
0.015
93
0.40
–110
2.4
19.5
700
0.62
–144
1.9
–133
0.049
56
0.40
–150
3.0
8.25
900
0.39
–176
0.72
125
0.11
–18
0.25
163
5.1
–1.9
1000
0.44
166
0.49
80
0.10
–52
0.33
127
7.5
– 4.8
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC13155D

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC13155D LANSDALE-MC13155D Datasheet
1,018Kb / 16P
   Wideband FM IF
MC13155D LANSDALE-MC13155D Datasheet
355Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155D NXP-MC13155D Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
More results

Similar Description - MC13155D

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com