Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFRA.400 Datasheet(PDF) 3 Page - Schurter Inc.

Part # PFRA.400
Description  Radial Leaded Fuse, PTC, 60 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

PFRA.400 Datasheet(HTML) 3 Page - Schurter Inc.

  PFRA.400 Datasheet HTML 1Page - Schurter Inc. PFRA.400 Datasheet HTML 2Page - Schurter Inc. PFRA.400 Datasheet HTML 3Page - Schurter Inc. PFRA.400 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Resettable Fuses
PFRA
www.schurter.com/pg0_
Fuses
-40 °C
-0 °C
0 °C
3 °C
40 °C
50 °C
60 °C
70 °C
85 °C
Order Number
2.68
2.41
2.13
1.85
1.54
1.42
1.26
1.13
0.96
PFRA.185
3.63
3.25
2.88
2.5
2.08
1.93
1.7
1.53
1.3
PFRA.250
4.35
3.9
3.45
3
2.49
2.31
2.04
1.83
1.56
PFRA.300
5.8
5.2
4.6
4
3.32
3.08
2.72
2.44
2.08
PFRA.400
7.25
6.5
5.75
5
4.15
3.85
3.4
3.05
2.6
PFRA.500
8.7
7.8
6.9
6
4.98
4.62
4.08
3.66
3.12
PFRA.600
10.1
9.1
8.05
7
5.81
5.39
4.76
4.27
3.64
PFRA.700
11.6
10.4
9.2
8
6.64
6.16
5.44
4.88
4.16
PFRA.800
13
11.7
10.3
9
7.47
6.93
6.12
5.49
4.68
PFRA.900
16.1
14.6
13.1
11
9.4
8.8
7.8
6.9
5.2
PFRA.110
Electrical Characteristics at 3 °C
V max [VDC]
I max [A]
I hold [A]
I trip [A]
R initial min
[
Ω]
R initial max
[
Ω]
R hour max
[
Ω]
Max Time to
trip [A]
Max Time to
Trip [s]
Tripped Power
Dissipation [W]
Order Number
60.0
40
0.1
0.2
2.5
4.5
7.5
0.5
4
0.38
PFRA.010
60.0
40
0.17
0.34
2
3.2
8
0.85
3
0.48
PFRA.017
60.0
40
0.2
0.4
1.5
2.84
4.4
1
2.2
0.40
PFRA.020
60.0
40
0.25
0.5
1
1.95
3
1.25
2.5
0.45
PFRA.025
60.0
40
0.3
0.6
0.76
1.36
2.1
1.5
3
0.50
PFRA.030
60.0
40
0.4
0.8
0.52
0.86
1.29
2
3.8
0.55
PFRA.040
60.0
40
0.5
1
0.41
0.77
1.17
2.5
4
0.75
PFRA.050
60.0
40
0.65
1.3
0.27
0.48
0.72
3.25
5.3
0.90
PFRA.065
60.0
40
0.75
1.5
0.18
0.4
0.6
3.75
6.3
0.90
PFRA.075
60.0
40
0.9
1.8
0.14
0.31
0.47
4.5
7.2
1.00
PFRA.090
30.0
40
1.1
2.2
0.1
0.18
0.27
5.5
6.6
0.70
PFRA.110
30.0
40
1.35
2.7
0.065
0.115
0.17
6.75
7.3
0.80
PFRA.135
30.0
40
1.6
3.2
0.055
0.105
0.15
8
8
0.90
PFRA.160
30.0
40
1.85
3.7
0.04
0.07
0.11
9.25
8.7
1.00
PFRA.185
30.0
40
2.5
5
0.025
0.048
0.07
12.5
10.3
1.20
PFRA.250
30.0
40
3
6
0.02
0.05
0.08
15
10.8
2.00
PFRA.300
30.0
40
4
8
0.01
0.03
0.05
20
12.7
2.50
PFRA.400
30.0
40
5
10
0.01
0.03
0.05
25
14.5
3.00
PFRA.500
30.0
40
6
12
0.005
0.02
0.04
30
16
3.50
PFRA.600
30.0
40
7
14
0.005
0.02
0.03
35
17.5
3.80
PFRA.700
30.0
40
8
16
0.005
0.02
0.03
40
18.8
4.00
PFRA.800
30.0
40
9
18
0.005
0.01
0.02
45
20
4.20
PFRA.900
16.0
100
11
22
0.003
0.01
0.01
40
20
4.50
PFRA.110
Packaging Unit
PFRA.xxxx
Bulk(500pcs.)
PFRA.010.2-PFRA.160.2
Taped34cmReel(3000pcs.)
PFRA.185.2-PFRA.400.2
Taped34cmReel(1500pcs.)


Similar Part No. - PFRA.400

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFRA.010 SCHURTER-PFRA.010 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRA.017 SCHURTER-PFRA.017 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRA.020 SCHURTER-PFRA.020 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRA.025 SCHURTER-PFRA.025 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRA.030 SCHURTER-PFRA.030 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
More results

Similar Description - PFRA.400

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFRA SCHURTER-PFRA_17 Datasheet
338Kb / 5P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA SCHURTER-PFRA_V02 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRY SCHURTER-PFRY_V02 Datasheet
316Kb / 4P
   Radial Leaded Fuse, PTC, 72 VDC
04.01.2022
PFRY SCHURTER-PFRY Datasheet
447Kb / 3P
   Radial Leaded Fuse, PTC, 72 VDC
logo
RFE international
FRVL RFE-FRVL Datasheet
293Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
logo
List of Unclassifed Man...
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
   Radial Leaded PTC Resettable Fuse
logo
RFE international
FRU RFE-FRU Datasheet
260Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/23
FHT RFE-FHT Datasheet
326Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
FRT RFE-FRT Datasheet
259Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/31
FRV RFE-FRV Datasheet
263Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/25
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com