Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC12015 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC12015
Description  Dual Modulus Prescaler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12015 Datasheet(HTML) 1 Page - Motorola, Inc

  MC12015 Datasheet HTML 1Page - Motorola, Inc MC12015 Datasheet HTML 2Page - Motorola, Inc MC12015 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Device
Operating
Temperature Range
Package
MC12015
MC12016
MC12017
SEMICONDUCTOR
TECHNICAL DATA
MECL PLL COMPONENTS
DUAL MODULUS PRESCALER
ORDERING INFORMATION
MC12015D
MC12016D
TA = –40 to 85°C
SO–8
Order this document by MC12015/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
1
8
MC12017D
1
MOTOROLA RF/IF DEVICE DATA
Dual Modulus Prescaler
The MC12015, MC12016 and MC12017 are dual modulus prescalers
which will drive divide by 32 and 33, 40 and 41, and 64 and 65, respectively.
An internal regulator is provided to allow these devices to be used over a
wide range of power–supply voltages. The devices may be operated by
applying a supply voltage of 5.0 Vdc
±10% at Pin 7, or by applying an
unregulated voltage source from 5.5Vdc to 9.5 Vdc to Pin 8.
225 MHz Toggle Frequency
Low–Power 7.5 mA Maximum at 6.8 V
Control Input and Output Are Compatible With Standard CMOS
Connecting Pins 2 and 3 Allows Driving One TTL Load
Supply Voltage 4.5 V to 9.5 V
8
SIMPLIFIED BLOCK DIAGRAM
0.1
µF
VCC
Voltage
Regulator
÷N / N+1
7
0.1
µF
Vreg
4
GND
6
0.001
µF
Signal
GND
5
0.001
µF
Signal
Input
3
2 Active
Pullup
Output
Control
Input
1
1. Vreg at Pin 7 is not guaranteed to be between 4.5 and
5.5V when VCC is being applied to Pin 8
2. Pin 7 is not to be used as a source of regulated output
voltage
© Motorola, Inc. 1999
Rev 4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Similar Part No. - MC12015

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12015D MOTOROLA-MC12015D Datasheet
539Kb / 7P
   DUAL 6-4 INPUT PARITY CHECKER
logo
LANSDALE Semiconductor ...
MC12015D LANSDALE-MC12015D Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12015D MOTOROLA-MC12015D Datasheet
535Kb / 7P
   DUAL 5-BIT PARITY CHECKER
MC12015D MOTOROLA-MC12015D Datasheet
505Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-NOR GATE
MC12015D MOTOROLA-MC12015D Datasheet
500Kb / 7P
   DUAL 4-5-INPUT OR/NOR GATE
More results

Similar Description - MC12015

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
   Dual Modulus Prescaler
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
   Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
   520MHz Dual Modulus Prescaler
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com