Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0034.6070 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0034.6070
Description  Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.6070 Datasheet(HTML) 1 Page - Schurter Inc.

  0034.6070 Datasheet HTML 1Page - Schurter Inc. 0034.6070 Datasheet HTML 2Page - Schurter Inc. 0034.6070 Datasheet HTML 3Page - Schurter Inc. 0034.6070 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Non resettable fuses
MSF 250
www.schurter.com/pg0_2
Fuses
Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
IEC 60127-3 · 250VAC · Quick-Acting F
Description
-Directlysolderableonprintedcircuitboards
-LowBreakingCapacity
Standards
-IEC60127-3/3
-UL248-14
-CSAC22.2no.248.14
Approvals
-VDELicenseNumber:101035
-ULFileNumber:E41599
References
GeneralProductInformation
PackagingDetails
CorrespondingFuseholderFMS(250V)
FuseKitFuseKitMicrofuse
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC
RatedCurrent
0.04-5A
BreakingCapacity
35A
Characteristic
Quick-ActingF
Mounting
PCB,THT
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
55/125/21acc.toIEC60068-1
Material:Housing
Thermoplastic,UL94V-0
Material:Terminals
Tin-PlatedCopper
UnitWeight
0.5g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Current,Voltage,Characteri-
stic,Approvals
SolderingMethods
Wave,Iron
Solderability
235°C/2secacc.toIEC60068-2-20,
TestTa,method1
ResistancetoSolderingHeat
260°C/5secacc.toIEC60068-2-20,
TestTb,method1A
ResistancetoVibration
acc.toIEC60068-2-6,testFc
CurrentCarryingCapacity
acc.toEIA/IS-722,Test4.3.3
LifeTest
MIL-STD-202,Method108A
(1000h@0.42*In@70°C)
LoadHumidityTest
MIL-STD-202,Method103B
(1000h@0.1*In@0.85r.H.@85°C)
MoistureResistanceTest
MIL-STD-202,Method106E
(50cyclesinatemp./misterchamber)
TerminalStrength
MIL-STD-202,Method211A
(Deflectionofboard1mmfor1minute)
ThermalShock
MIL-STD-202,Method107D
(200air-to-aircyclesfrom-55to
+125°C)
CaseResistance
acc.toEIA/IS-722,Test4.7
>100M
Ω(betweenleedsandbody)
MechanicalShock
MIL-STD-202,Method213B
(Shock50gn,halfsinewave,11ms)
ResistancetoSolvents
MIL-STD-202,Method215A
Flammability
min.UL94V-1
(acc.toEIA/IS-722,Test4.12)


Similar Part No. - 0034.6070

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.6070 SCHURTER-0034.6070 Datasheet
305Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
More results

Similar Description - 0034.6070

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSF250 SCHURTER-MSF250_18 Datasheet
311Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
MSF250 SCHURTER-MSF250 Datasheet
305Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
MSF250 SCHURTER-MSF250_V02 Datasheet
390Kb / 5P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
04.01.2022
172593 SCHURTER-172593 Datasheet
282Kb / 2P
   Subminiature Fuse, 3.8 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
172593 SCHURTER-172593_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 4.05 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
7020.8510 SCHURTER-7020.8510_V01 Datasheet
241Kb / 2P
   Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
70208510 SCHURTER-70208510 Datasheet
337Kb / 2P
   Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250 Datasheet
388Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_V02 Datasheet
494Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com