Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0034.7304 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0034.7304
Description  Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.7304 Datasheet(HTML) 1 Page - Schurter Inc.

  0034.7304 Datasheet HTML 1Page - Schurter Inc. 0034.7304 Datasheet HTML 2Page - Schurter Inc. 0034.7304 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Non resettable fuses
MSTU 250
www.schurter.com/pg0_2
Fuses
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
UL 248-14 · 250VAC · Time-Lag T
Description
-Directlysolderableonprintedcircuitboards
-LowBreakingCapacity
Standards
-UL248-14
-CSAC22.2no.248.14
Approvals
-ULFileNumber:E41599
References
GeneralProductInformation
PackagingDetails
CorrespondingFuseholderFMS(250V)
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC
RatedCurrent
0.063-10A
BreakingCapacity
50A
Characteristic
Time-LagT
Mounting
PCB,THT
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
55/125/21acc.toIEC60068-1
Material:Housing
Thermoplastic,UL94V-0
Material:Terminals
Tin-PlatedCopper
UnitWeight
0.53g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Current,Voltage,Characteri-
stic,Approvals
SolderingMethods
Wave,Iron
Solderability
235°C/2secacc.toIEC60068-2-20,
TestTa,method1
ResistancetoSolderingHeat
260°C/5secacc.toIEC60068-2-20,
TestTb,method1A
CurrentCarryingCapacity
acc.toEIA/IS-722,Test4.3.3
MoistureResistanceTest
MIL-STD-202,Method106E
(50cyclesinatemp./misterchamber)
TerminalStrength
MIL-STD-202,Method211A
(Deflectionofboard1mmfor1minute)
CaseResistance
acc.toEIA/IS-722,Test4.7
>100M
Ω(betweenleedsandbody)
MechanicalShock
MIL-STD-202,Method213B
(Shock50gn,halfsinewave,11ms)
Vibration,HighFrequency
MIL-STD-202,Method204D
(Shock20gn,20min,10-2kHz,12
cyc.)
ResistancetoSolvents
MIL-STD-202,Method215A
Flammability
min.UL94V-1
(acc.toEIA/IS-722,Test4.12)
Dimensions
8.5mm
 
ø 8.5
3.2
ø 0.64
5.08
3.2
ø 0.64
5.08
ø 8.5
1
+0.1
0
5.08
Drilling diagram


Similar Part No. - 0034.7304

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.7304 SCHURTER-0034.7304 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
More results

Similar Description - 0034.7304

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_V01 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250 Datasheet
388Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_V02 Datasheet
494Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
MXT250 SCHURTER-MXT250 Datasheet
354Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com