Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3403.0132.xx Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3403.0132.xx
Description  Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3403.0132.xx Datasheet(HTML) 2 Page - Schurter Inc.

  3403.0132.xx Datasheet HTML 1Page - Schurter Inc. 3403.0132.xx Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
OMT
www.schurter.com/pg0_2
Fuses
Pre-Arcing Time
Rated Current In
.0 x In min. 2.0 x In min. 2.0 x In max. 3.0 x In min. 3.0 x In max. 8.0 x In min. 8.0 x In max.
0.75 A - 5 A
4 h
100 ms
60 s
70 ms
3 s
5 ms
50 ms
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .0 In
typ. [mW]
Melting I²t 8.0
In typ. [A²s]
Order Number
0.75
250
1)
200
150
0.36
l
l
3403.0129.xx
1
250
1)
146
146
0.99
l
l
3403.0116.xx
1.25
250
1)
89
111
1
l
l
3403.0117.xx
1.5
250
2)
74
111
2
l
l
3403.0130.xx
2
250
2)
69
138
4
l
l
3403.0119.xx
2.5
125
3)
68
170
7
l
l
3403.0120.xx
3
125
3)
62
186
12
l
l
3403.0131.xx
3.5
125
3)
60
210
19
l
l
3403.0132.xx
4
125
3)
60
240
23
l
l
3403.0122.xx
5
125
3)
57
285
37
l
l
3403.0123.xx
1)100A@50VAC
2)50A@50VAC
3)100A@125VAC
Packaging Unit
.xx=.11PlasticBag(100pcs.)
.xx=.24BlisterTape33cmReel(2000pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 3403.0132.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3403.0132.11 SCHURTER-3403.0132.11 Datasheet
244Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
3403.0132.24 SCHURTER-3403.0132.24 Datasheet
244Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
More results

Similar Description - 3403.0132.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OMT SCHURTER-OMT_18 Datasheet
273Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V01 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_16 Datasheet
244Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
OMT SCHURTER-OMT_V02 Datasheet
284Kb / 4P
   Surface Mount Fuse, 11 x 4.6 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
UMT SCHURTER-UMT Datasheet
546Kb / 3P
   Surface Mount Fuse, 10.1 x 3 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_V02 Datasheet
487Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
04.01.2022
UMT250 SCHURTER-UMT250 Datasheet
350Kb / 3P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
UMT250 SCHURTER-UMT250_18 Datasheet
476Kb / 5P
   Surface Mount Fuse, 3 x 10.1 mm, Time-Lag T, 250 VAC, 125 VDC
OMF250 SCHURTER-OMF250_16 Datasheet
250Kb / 3P
   Surface Mount Fuse, 11 x 4.6 mm, Quick-Acting F, 250 VAC, 250 DC
80200504 SCHURTER-80200504 Datasheet
340Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com