Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3404.2321.xx Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3404.2321.xx
Description  Surface Mount Fuse with Holder, 12 x 5.2 mm, Time-Lag T, 125 VAC, 125 VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3404.2321.xx Datasheet(HTML) 2 Page - Schurter Inc.

  3404.2321.xx Datasheet HTML 1Page - Schurter Inc. 3404.2321.xx Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
OMZ 25
www.schurter.com/pg0_2
Fuses
Variants
Fuse
Holder
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .0 In
typ. [mW]
Melting I²t 8.0
In typ. [A²s]
Order Number
l
l
0.25
125
125
1)
142
35.5
0.02
l
3404.2320.xx
l
l
0.375
125
125
1)
123
46.1
0.054
l
3404.2321.xx
l
l
0.5
125
125
1)
95
47.5
0.16
l
3404.2322.xx
l
l
0.75
125
125
1)
92
69
0.43
l
3404.2323.xx
l
l
1
125
125
1)
88
88
0.77
l
3404.2324.xx
l
l
1.5
125
125
1)
82
123
1.73
l
3404.2325.xx
l
l
2
125
125
1)
75
150
3.58
l
3404.2326.xx
l
l
2.5
125
125
1)
137
343
5.6
l
3404.2327.xx
l
l
3
125
125
1)
128
384
8.06
l
3404.2328.xx
l
l
3.5
125
125
1)
119
417
11.76
l
3404.2329.xx
l
l
4
125
125
1)
77
308
12.3
l
3404.2330.xx
l
l
5
125
125
1)
79
395
20.8
l
3404.2331.xx
1)100A@125VAC,p.f.
≥0.95/100A@125VDC
Packaging Unit
.xx=.11PlasticBag(100pcs.)
.xx=.22BlisterTape18cmReel(750pcs.)
.xx=.23BlisterTape33cmReel(1500pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 0.375 A
_> 0.5 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 3404.2321.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3404.2321.11 SCHURTER-3404.2321.11 Datasheet
244Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Time-Lag T, 125 VAC, 125 VDC
3404.2321.22 SCHURTER-3404.2321.22 Datasheet
244Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Time-Lag T, 125 VAC, 125 VDC
3404.2321.23 SCHURTER-3404.2321.23 Datasheet
244Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Time-Lag T, 125 VAC, 125 VDC
More results

Similar Description - 3404.2321.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OMZ125 SCHURTER-OMZ125_V01 Datasheet
295Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Time-Lag T, 125 VAC, 125 VDC
OMZ125 SCHURTER-OMZ125_V02 Datasheet
294Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Time-Lag T, 125 VAC, 125 VDC
04.01.2022
OMZ125 SCHURTER-OMZ125_16 Datasheet
244Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Time-Lag T, 125 VAC, 125 VDC
OMZ125 SCHURTER-OMZ125_18 Datasheet
248Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125 Datasheet
410Kb / 2P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_16 Datasheet
252Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB_18 Datasheet
282Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
MKT SCHURTER-MKT Datasheet
290Kb / 2P
   Surface Mount Fuse, 7 x 2.54 mm, Time-Lag T, 125 VAC, 125 VDC
MSB SCHURTER-MSB Datasheet
504Kb / 4P
   Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
OMT125 SCHURTER-OMT125_18 Datasheet
281Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Time-Lag T, 125 VAC, 125 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com