Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0034.6717 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 0034.6717
Description  Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 35 A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.6717 Datasheet(HTML) 3 Page - Schurter Inc.

  0034.6717 Datasheet HTML 1Page - Schurter Inc. 0034.6717 Datasheet HTML 2Page - Schurter Inc. 0034.6717 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Non resettable fuses
MST 250
www.schurter.com/pg0_2
Fuses
Rated Cur-
rent [A]
Rated
Voltage
[VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
max. [mW]
Melting I²t
0.0 Intyp.
[A²s]
S L T
Order Number
0.08
250
1)
400
360
165
0.06
l
 
l
 
l
 
l
 
 
l
0034.6804
0.1
250
1)
350
320
170
0.08
l
 
l
 
l
 
l
 
 
l
0034.6805
0.125
250
1)
300
270
180
0.12
l
 
l
 
l
 
l
 
 
l
0034.6806
0.16
250
1)
280
190
190
0.24
l
 
l
 
l
 
l
 
 
l
0034.6807
0.2
250
1)
260
150
200
0.35
l
 
l
 
l
 
l
 
 
l
0034.6808
0.25
250
1)
240
120
220
0.6
l
 
l
 
l
 
l
 
 
l
0034.6809
0.315
250
1)
220
120
250
0.8
l
 
l
 
l
 
l
 
 
l
0034.6810
0.4
250
1)
200
110
280
1.1
l
 
l
 
l
 
l
 
 
l
0034.6811
0.5
250
1)
190
100
310
2.5
l
 
l
 
l
 
l
 
 
l
0034.6812
0.63
250
1)
180
90
360
4
l
 
l
 
l
 
l
 
 
l
0034.6813
0.8
250
1)
160
80
430
8
l
 
l
 
l
 
l
 
 
l
0034.6814
1
250
1)
140
70
500
12
l
 
l
l
l
 
l
 
 
l
0034.6815
1.25
250
1)
130
70
600
15
l
 
l
l
l
 
l
 
 
l
0034.6816
1.6
250
1)
120
60
730
30
l
 
l
l
l
 
l
 
 
l
0034.6817
2
250
1)
100
60
870
34
l
 
l
l
l
 
l
 
 
l
0034.6818
2.5
250
1)
100
50
1000
55
l
 
l
l
l
 
l
 
 
l
0034.6819
3.15
250
1)
100
50
1200
76
l
 
l
l
l
 
l
 
 
l
0034.6820
4
250
2)
100
50
1400
80
l
 
l
l
l
 
l
 
 
l
0034.6821
5
250
2)
-
50
-
230
 
l
l
 
 
l
l
 
 
l
0034.6822
6.3
250
2)
-
45
-
360
 
l
l
 
 
l
l
 
 
l
0034.6823
1)IEC:35A@250VAC
1)UL:35A@250VAC/50A@125VDC
2)IEC:10In@250VAC
2)UL:10In@250VAC/10In@125VDC
Packaging Unit
S+L= PlasticBag(100pcs.)
T=
Taped36cmReel(750pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 0034.6717

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.6717 SCHURTER-0034.6717 Datasheet
388Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
More results

Similar Description - 0034.6717

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00346914 SCHURTER-00346914 Datasheet
516Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_V01 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250 Datasheet
354Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_18 Datasheet
386Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250_V02 Datasheet
394Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
04.01.2022
MSTU250 SCHURTER-MSTU250_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V01 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250 Datasheet
259Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
00347103 SCHURTER-00347103 Datasheet
471Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
MSTU250 SCHURTER-MSTU250_V02 Datasheet
302Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com