Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC2800EVK Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC2800EVK
Description  FLEX Paging RF/IF Receiver Board
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC2800EVK Datasheet(HTML) 3 Page - Motorola, Inc

  MC2800EVK Datasheet HTML 1Page - Motorola, Inc MC2800EVK Datasheet HTML 2Page - Motorola, Inc MC2800EVK Datasheet HTML 3Page - Motorola, Inc MC2800EVK Datasheet HTML 4Page - Motorola, Inc MC2800EVK Datasheet HTML 5Page - Motorola, Inc MC2800EVK Datasheet HTML 6Page - Motorola, Inc MC2800EVK Datasheet HTML 7Page - Motorola, Inc MC2800EVK Datasheet HTML 8Page - Motorola, Inc MC2800EVK Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC2800EVK
3
MOTOROLA RF/IF DEVICE DATA
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Voltage
VCC
1.1
1.7
V
RF Input Frequency
284.135
284.145
MHz
FLEX Decoder Interface Voltage
VDD–E
3.0
3.3
V
ELECTRICAL CHARACTERISTICS (VCC = 1.1 V, VDD–E = 3.3 V, Vreg = 0.960, fRF = 284.140 MHz, unless otherwise
noted.)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
LOW NOISE AMPLIFIER
Power Gain [Note 1]
GP
20.6
dB
Input Return Loss [Note 1]
@ 284 140 MHz
S11
–4.2
dB
Output Impedance [Note 1]
@ 284.140 MHz
Zout
173 +j75
Noise Figure [Note 1]
NF
2.45
dB
Current Consumption
Vreg = 0.960 V
I
890
µA
SAW FILTER
Insertion Loss
Terminating Impedance
= 230
1.0
dB
FIRST LOCAL OSCILLATOR
Crystal Frequency
fC
65.681250
MHz
Desired Output Frequency
4th Harmonic
fLO1
262.74194
MHz
Desired Output Power
4th Harmonic
PLO
–23.9
dBm
3rd Harmonic Output Power
Referenced to 4th Harmonic
H3
–13.5
dBc
5th Harmonic Output Power
Referenced to 4th Harmonic
H5
–11.3
dBc
Startup Time
EN transits from ’0’ to ’1’
<4.5
ms
Current Consumption
Vreg = 0.960 V
I
560
µA
LNA + SAW FILTER + MIXER
Conversion Gain [Note 2]
Input @ 284.140 MHz
GC
32.4
dB
Noise Figure [Note 2]
Output @ 21.400 MHz
NF
2.69
dB
Output Impedance
@ 21.400 MHz
Zout
1.13 – j1.16
k
Current Consumption of Mixer
Vreg = 0.960 V
I
330
µA
CRYSTAL FILTER
Insertion Loss
Terminating Impedance
= 1.5 k
0.9
dB
IF RECEIVER MC2800
Input Impedance
@ 21.400 MHz
Zin
770 – j550
Second Local Oscillator Frequency
fLO2
20.94506
MHz
Startup Time of 2nd LO
EN transits from ’0’ to ’1’
<1.0
ms
NOTES: 1. Output of the LNA is matched to 230
Ω by inserting a 180 Ω resistor in series with its output port.
2. Output of the Mixer is matched to 1.5050 k
Ω by inserting a 1500 Ω resistor in series with its output port.
3. The circuit of this test board is the same as the schematic in Figure 2.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC2800EVK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2800 ETC1-MC2800 Datasheet
1Mb / 63P
   Technical Specifications Multiple Motor Type
logo
Motorola, Inc
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
More results

Similar Description - MC2800EVK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
logo
Samsung semiconductor
S1T8515A SAMSUNG-S1T8515A Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8515 SAMSUNG-KA8515 Datasheet
146Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8516 SAMSUNG-KA8516 Datasheet
150Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
DS_S1T8515A01 SAMSUNG-DS_S1T8515A01 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
logo
Analog Devices
AD6672 AD-AD6672_14 Datasheet
1Mb / 30P
   IF Receiver
AD6672 AD-AD6672 Datasheet
1Mb / 32P
   IF Receiver
REV. 0
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com