Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0034.6031 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 0034.6031
Description  Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.6031 Datasheet(HTML) 3 Page - Schurter Inc.

  0034.6031 Datasheet HTML 1Page - Schurter Inc. 0034.6031 Datasheet HTML 2Page - Schurter Inc. 0034.6031 Datasheet HTML 3Page - Schurter Inc. 0034.6031 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Non resettable fuses
MSF 250
www.schurter.com/pg0_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
max. [mW]
Melting I²t
0.0 Intyp.
[A²s]
S L T
Order Number
0.25
250
1)
440
360
290
0.058
l
l
l
 
 
l
 
0034.6038
0.315
250
1)
400
345
330
0.104
l
l
l
 
 
l
 
0034.6039
0.4
250
1)
370
80
390
0.044
l
l
l
 
 
l
 
0034.6040
0.5
250
1)
350
75
460
0.09
l
l
l
 
 
l
 
0034.6041
0.63
250
1)
320
70
530
0.15
l
l
l
 
 
l
 
0034.6042
0.8
250
1)
300
70
630
0.22
l
l
l
 
 
l
 
0034.6043
1
250
1)
280
70
740
0.33
l
l
l
 
 
l
 
0034.6044
1.25
250
1)
280
65
920
0.68
l
l
l
 
 
l
 
0034.6045
1.6
250
1)
250
70
1000
0.94
l
l
l
 
 
l
 
0034.6046
2
250
1)
240
70
1360
1.3
l
l
l
 
 
l
 
0034.6047
2.5
250
1)
200
65
1310
1.9
l
l
l
 
 
l
 
0034.6048
3.15
250
1)
180
65
1490
5.4
l
l
l
 
 
l
 
0034.6049
4
250
2)
160
60
1680
7.9
 
l
 
l
 
l
 
0034.6050
5
250
2)
150
60
1970
11.2
 
l
 
l
 
l
 
0034.6051
0.04
250
1)
-
400
-
0.00016
 
l
 
l
 
 
l
0034.6060
0.05
250
1)
850
460
110
0.0004
l
l
l
 
 
 
l
0034.6061
0.063
250
1)
750
330
120
0.001
l
l
l
 
 
 
l
0034.6062
0.08
250
1)
650
280
140
0.001
l
l
l
 
 
 
l
0034.6063
0.1
250
1)
600
300
160
0.002
l
l
l
 
 
 
l
0034.6064
0.125
250
1)
550
210
180
0.006
l
l
l
 
 
 
l
0034.6065
0.16
250
1)
500
460
210
0.014
l
l
l
 
 
 
l
0034.6066
0.2
250
1)
480
470
250
0.024
l
l
l
 
 
 
l
0034.6067
0.25
250
1)
440
360
290
0.058
l
l
l
 
 
 
l
0034.6068
0.315
250
1)
400
345
330
0.104
l
l
l
 
 
 
l
0034.6069
0.4
250
1)
370
80
390
0.044
l
l
l
 
 
 
l
0034.6070
0.5
250
1)
350
75
460
0.09
l
l
l
 
 
 
l
0034.6071
0.63
250
1)
320
70
530
0.15
l
l
l
 
 
 
l
0034.6072
0.8
250
1)
300
70
630
0.22
l
l
l
 
 
 
l
0034.6073
1
250
1)
280
70
740
0.33
l
l
l
 
 
 
l
0034.6074
1.25
250
1)
280
65
920
0.68
l
l
l
 
 
 
l
0034.6075
1.6
250
1)
250
70
1000
0.94
l
l
l
 
 
 
l
0034.6076
2
250
1)
240
70
1360
1.3
l
l
l
 
 
 
l
0034.6077
2.5
250
1)
200
65
1310
1.9
l
l
l
 
 
 
l
0034.6078
3.15
250
1)
180
65
1490
5.4
l
l
l
 
 
 
l
0034.6079
4
250
2)
160
60
1680
7.9
 
l
 
l
 
 
l
0034.6080
5
250
2)
150
60
1970
11.2
 
l
 
l
 
 
l
0034.6081
1)35A@250VAC
2)10In@250VAC
Packaging Unit
S+L= PlasticBag(100pcs.)
T=
Taped36cmReel(750pcs.)


Similar Part No. - 0034.6031

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.6031 SCHURTER-0034.6031 Datasheet
305Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
More results

Similar Description - 0034.6031

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSF250 SCHURTER-MSF250_18 Datasheet
311Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
MSF250 SCHURTER-MSF250 Datasheet
305Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
MSF250 SCHURTER-MSF250_V02 Datasheet
390Kb / 5P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
04.01.2022
172593 SCHURTER-172593 Datasheet
282Kb / 2P
   Subminiature Fuse, 3.8 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
172593 SCHURTER-172593_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 4.05 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
7020.8510 SCHURTER-7020.8510_V01 Datasheet
241Kb / 2P
   Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
70208510 SCHURTER-70208510 Datasheet
337Kb / 2P
   Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250 Datasheet
388Kb / 4P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_V02 Datasheet
494Kb / 5P
   Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com