Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7025.5160 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 7025.5160
Description  Special Fuse, 14 x 50 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7025.5160 Datasheet(HTML) 3 Page - Schurter Inc.

  7025.5160 Datasheet HTML 1Page - Schurter Inc. 7025.5160 Datasheet HTML 2Page - Schurter Inc. 7025.5160 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NON RESETTABLE FUSES
T
TIIM
ME
E--C
CU
UR
RR
RE
EN
NT
T C
CU
UR
RV
VE
ES
S
www.schurter.com
Time-Current Curves
M
MA
AT
T
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In


Similar Part No. - 7025.5160

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7025 BOURNS-7025 Datasheet
55Kb / 1P
   Common Mode EMI Chokes
logo
Alpha Wire
7025 ALPHAWIRE-7025 Datasheet
97Kb / 4P
   Customer Specification
3/12/2023
logo
JJ Electronic
7025 JJ-ELECTRONIC-7025 Datasheet
206Kb / 1P
   R. F. DOUBLE TRIODE
logo
Bourns Electronic Solut...
7025-RC BOURNS-7025-RC Datasheet
121Kb / 1P
   Dual-Line Toroid Inductors
logo
ITT Industries
702501201 ITT-702501201 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
More results

Similar Description - 7025.5160

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
   Special Fuse, 14 x 50 mm
7020.8510 SCHURTER-7020.8510_V01 Datasheet
241Kb / 2P
   Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
70208510 SCHURTER-70208510 Datasheet
337Kb / 2P
   Special Fuse, 14 x 50 mm Quick-Acting F, 500 VAC, 250 VDC
logo
List of Unclassifed Man...
PV-15A14F ETC1-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-15A14F COOPER-PV-15A14F Datasheet
90Kb / 3P
   14 x 51 mm Photovoltaic fuse links
logo
List of Unclassifed Man...
PV-15A14LF ETC1-PV-15A14LF Datasheet
118Kb / 4P
   14 x 65 mm Photovoltaic fuse links
logo
Schurter Inc.
MADM SCHURTER-MADM_18 Datasheet
226Kb / 3P
   Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC
MADM SCHURTER-MADM Datasheet
339Kb / 2P
   Special Fuse, 14.3 x 51 mm, 500 VAC, 250 VDC
logo
Schneider Electric
GK1EM SCHNEIDER-GK1EM Datasheet
140Kb / 2P
   TeSys fuse-disconnector - 4P - 50A - fuse size 14 x 51 mm
GK1EK SCHNEIDER-GK1EK_V01 Datasheet
167Kb / 2P
   TeSys fuse-disconnector - 3P - 50A - fuse size 14 x 51 mm
Jun 2, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com