Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3410.0022.xx Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3410.0022.xx
Description  Surface Mount Fuse, 3.2 x 1.55 mm, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3410.0022.xx Datasheet(HTML) 2 Page - Schurter Inc.

  3410.0022.xx Datasheet HTML 1Page - Schurter Inc. 3410.0022.xx Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
MGA
www.schurter.com/pg0_2
Fuses
Pre-Arcing Time
Rated Current In
.0 x In min. 2.5 x In max.
0.2 A - 5 A
4 h
5 s
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
.0 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t 4.0
In typ. [A²s]
Order Number
0.2
125
125
1)
258
1020
0.0008
l
l
3410.0021.xx
0.25
125
125
1)
250
800
0.0009
l
l
3410.0022.xx
0.375
125
125
1)
165
361
0.0037
l
l
3410.0025.xx
0.5
125
125
1)
150
247
0.0042
l
l
3410.0027.xx
0.75
125
125
1)
100
115
0.01
l
l
3410.0029.xx
1
125
125
1)
124
98.7
0.035
l
l
3410.0031.xx
1.5
125
125
1)
105
56
0.064
l
l
3410.0033.xx
2
125
125
1)
98
39
0.089
l
l
3410.0035.xx
2.5
125
125
1)
90
29.5
0.15
l
l
3410.0036.xx
3
125
125
1)
88
24.1
0.18
l
l
3410.0037.xx
4
63
125
2)
83.5
17
0.23
l
l
3410.0240.xx
5
32
125
3)
90
13.5
0.45
l
l
3410.0141.xx
1)50A@125VAC/300A@125VDC
2)50A@63VAC/50A@125VDC/300A@32VDC
3)50A@32VAC/50A@125VDC/300A@32VDC
Packaging Unit
.xx=.01BlisterTape(100pcs.)
.xx=.02BlisterTape18cmReel(750pcs.)
.xx=.03BlisterTape33cmReel(3000pcs.)
.xx=.04BlisterTape33cmReel(10000pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 3410.0022.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3410.0022.02 SCHURTER-3410.0022.02 Datasheet
322Kb / 4P
   Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
04.01.2022
More results

Similar Description - 3410.0022.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
USFF1206 SCHURTER-USFF1206_V01 Datasheet
343Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
04.01.2022
USFF1206 SCHURTER-USFF1206_18 Datasheet
409Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
USFF1206 SCHURTER-USFF1206_16 Datasheet
310Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 63 VDC / 125 VAC, low impedance
USF1206 SCHURTER-USF1206_18 Datasheet
294Kb / 4P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206_16 Datasheet
260Kb / 3P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
USF1206 SCHURTER-USF1206 Datasheet
436Kb / 2P
   Surface Mount Fuse, 3.2 x 1.6 mm, Super-Quick-Acting FF, 32 VAC, 63 VDC
MGA-A SCHURTER-MGA-A_V01 Datasheet
363Kb / 4P
   Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
04.01.2022
MGA SCHURTER-MGA_V02 Datasheet
322Kb / 4P
   Solid State, Thin Film, SMD 1206, Super-Quick-Acting FF, 125 VAC, 125 VDC, 150 째C
04.01.2022
MKF SCHURTER-MKF_V02 Datasheet
293Kb / 4P
   Surface Mount Fuse, 7 x 2.54 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172876 SCHURTER-172876 Datasheet
415Kb / 2P
   Surface Mount Fuse, 7 x 2 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com