Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPF4.1 Datasheet(PDF) 1 Page - Schurter Inc.

Part # KPF4.1
Description  Filter for Backpack Mounting to KP01
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KPF4.1 Datasheet(HTML) 1 Page - Schurter Inc.

  KPF4.1 Datasheet HTML 1Page - Schurter Inc. KPF4.1 Datasheet HTML 2Page - Schurter Inc. KPF4.1 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Power Entry Modules with Line Filter
KPF
www.schurter.com/pg06
EMC Products
Filter for Backpack Mounting to KP01
KP01 Base Module
(not enclosed)
Standard- or Medical-Filter
Description
-Component:
Snap-inversionfromrear-side
-1Function:
Linefilterinstandardandmedicalversion
-ForPCBmounting
-Onlyincombinationwithbase-moduletypeKP01
Approvals
-VDELicenseNumber:104869
-ULLicenseNumber:E72928
-CSALicenseNumber:97784
Characteristics
-Linefilterfor"backpack"mountingformodulestypeKP01(snapsonto
rearofKP01)
-ElectricalconnectiondoneonthePCB
-QualifiedforuseinequipmentaccordingIEC/EN60950
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
1-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
1-10A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto70°C
ClimaticCategory
25/085/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
ForPCBmounting
Material:Housing
Thermoplastic,black,UL94V-0
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>2'600'000hacc.toMIL-HB-217F
Dimensions
53.4mm
56.1
53.34
7.62
27.94
10.16
7.62 7.62
7.62
12.7


Similar Part No. - KPF4.1

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KPF401G01 KEC-KPF401G01 Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
KPF401G01A KEC-KPF401G01A Datasheet
530Kb / 4P
   Semiconductor Pressure Sensor
KPF401G02 KEC-KPF401G02 Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
KPF401G02A KEC-KPF401G02A Datasheet
528Kb / 4P
   Semiconductor Pressure Sensor
KPF401G03 KEC-KPF401G03 Datasheet
521Kb / 4P
   Semiconductor Pressure Sensor
More results

Similar Description - KPF4.1

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KPF SCHURTER-KPF_V01 Datasheet
521Kb / 4P
   Filter for Backpack Mounting to KP01
KPF SCHURTER-KPF_V02 Datasheet
521Kb / 4P
   Filter for Backpack Mounting to KP01
09.12.2021
logo
PREMO CORPORATION S.L
FAM_FILE00000054 PREMO-FAM_FILE00000054 Datasheet
153Kb / 1P
   Chassis mounting filter for general
logo
Schurter Inc.
5500 SCHURTER-5500 Datasheet
664Kb / 3P
   AC Filter for PCB Mounting
5500 SCHURTER-5500_V01 Datasheet
566Kb / 5P
   AC Filter for PCB Mounting
logo
PREMO CORPORATION S.L
FAM_FILE00000052 PREMO-FAM_FILE00000052 Datasheet
122Kb / 1P
   Plastic case filter for PCB mounting
logo
SparkFun Electronics
LCD-00258 SPARKFUN-LCD-00258 Datasheet
209Kb / 5P
   SparkFun Serial Enabled LCD Backpack
11/16/2015
logo
Schurter Inc.
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
   AC Filter for PCB Mounting Cost Optimized
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
L21402L ETC2-L21402L Datasheet
71Kb / 1P
   Chassis mounting filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com