Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP01.1352.01 Datasheet(PDF) 3 Page - Schurter Inc.

Part # KP01.1352.01
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KP01.1352.01 Datasheet(HTML) 3 Page - Schurter Inc.

  KP01.1352.01 Datasheet HTML 1Page - Schurter Inc. KP01.1352.01 Datasheet HTML 2Page - Schurter Inc. KP01.1352.01 Datasheet HTML 3Page - Schurter Inc. KP01.1352.01 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power entry modules without line filter
KP (FH)
www.schurter.com/pg05
Connectors
Insertion from behind
"Sandwich" mounting with split
enclosure panels
Otherdimensionsasfor2-poles
d1=6±0.05for(snap-in)
d1=3.6(screw-on)
d2=2±0.1(screw-on)
Dimensionswithouttolerance:
≤15=±0.05;≥15=±0.1
Diagrams
Inlet with fuseholder
(5 x 20 mm)
Variants
Panel mounting
Panel Thickness
s [mm]
PCB [mm]
Line Switch
Fuseholder
Connector
Order Number
Screw
2
1.2/1.6/2.0/2.4
-
1-pole
-
KP01.1452.01
Screw
2
1.2/1.6/2.0/2.4
-
2-pole
-
KP01.1352.01
Screw
3
1.2/1.6/2.0/2.4
-
1-pole
-
KP01.1453.01
Screw
3
1.2/1.6/2.0/2.4
-
2-pole
-
KP01.1353.01
Snap-in
2
1.6
-
1-pole
-
KP01.1412.01
Snap-in
2
1.6
-
2-pole
-
KP01.1312.01
Snap-in
3
1.6
-
1-pole
-
KP01.1413.01
Snap-in
3
1.6
-
2-pole
-
KP01.1313.01
TypeKPwithoutcover:KP01.XXXX.XX90
GroundTerminalwithsolderpin:KP01.XXXX.X3XX
Packaging unit
50Pcs
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4787
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
5092
Appliance Outlet further types to KP (FH)


Similar Part No. - KP01.1352.01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KP01.1012.01 SCHURTER-KP01.1012.01 Datasheet
704Kb / 4P
   IEC Appliance Inlet C14 with Appliance Outlet F
KP01.1013.01 SCHURTER-KP01.1013.01 Datasheet
704Kb / 4P
   IEC Appliance Inlet C14 with Appliance Outlet F
KP01.1052.01 SCHURTER-KP01.1052.01 Datasheet
704Kb / 4P
   IEC Appliance Inlet C14 with Appliance Outlet F
KP01.1053.01 SCHURTER-KP01.1053.01 Datasheet
704Kb / 4P
   IEC Appliance Inlet C14 with Appliance Outlet F
KP01.1112.11 SCHURTER-KP01.1112.11 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
More results

Similar Description - KP01.1352.01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF1 SCHURTER-GSF1_18 Datasheet
438Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA_V01 Datasheet
757Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
1092 SCHURTER-1092 Datasheet
697Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062_1809 SCHURTER-1062_1809 Datasheet
385Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062_21 Datasheet
421Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2_17 Datasheet
395Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062_V01 Datasheet
421Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
GSF1 SCHURTER-GSF1_V01 Datasheet
436Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
KEA SCHURTER-KEA_17 Datasheet
719Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com