Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KG16.5101.109 Datasheet(PDF) 3 Page - Schurter Inc.

Part # KG16.5101.109
Description  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KG16.5101.109 Datasheet(HTML) 3 Page - Schurter Inc.

  KG16.5101.109 Datasheet HTML 1Page - Schurter Inc. KG16.5101.109 Datasheet HTML 2Page - Schurter Inc. KG16.5101.109 Datasheet HTML 3Page - Schurter Inc. KG16.5101.109 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power entry modules without line filter
KG
www.schurter.com/pg05
Connectors
Variants
partialwired
Fusedrawerandvoltageselectorinsertmustbeorderedseparately
Type
Panel mounting
Panel Thickness
s [mm]
Fuseholder
Line Switch
Order Number
KG
Screw
-
1-pole
Rocker switch
KG16.5101.151
KG
Screw
-
2-pole
Rocker switch
KG10.6101.151
KG
Snap-in
1.5
1-pole
Rocker switch
KG16.5101.105
KG
Snap-in
2
1-pole
Rocker switch
KG16.5101.107
KG
Snap-in
2.5
1-pole
Rocker switch
KG16.5101.109
KG
Snap-in
1.5
2-pole
Rocker switch
KG10.6101.105
KG
Snap-in
2
2-pole
Rocker switch
KG10.6101.107
KG
Snap-in
2.5
2-pole
Rocker switch
KG10.6101.109
Packaging unit
20Pcs
Required Accessory
Description
Jumper Wire 1
Connection with Stranded Cable
Type B, 100
0881.0074
Type B, 100
0881.0075
Type A, 100
0881.0076
Type A, 100
0881.0077
Fusedrawer 1
Fusedrawer for Fuse Links 5x20mm resp.. 6.3x32mm
5 x 20, 2-pole
4305.0001
5 x 20, 1-pole
4305.0006
6.3 x 32, 2-pole
4305.0011
6.3 x 32, 1-pole
4305.0016
...
Voltage Selectors Insert 1
Voltage Selector Insert to KE, CE, KG, CG
3 or 4 switch positions
4305.0048.00
1, 3 or 4 switch positions, 100, 120, 220, 240
4305.0048.01
3, 3 or 4 switch positions, 130, 110, 240, 220
4305.0048.02
2, 2 switch positions, 110, 220
4305.0048.03
...


Similar Part No. - KG16.5101.109

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KG16.5101.105 SCHURTER-KG16.5101.105 Datasheet
582Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
More results

Similar Description - KG16.5101.109

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KD134101151 SCHURTER-KD134101151 Datasheet
586Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD13.1101.105 SCHURTER-KD13.1101.105_V01 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG16.5101.105 SCHURTER-KG16.5101.105 Datasheet
582Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG156199151 SCHURTER-KG156199151 Datasheet
493Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KD114199151 SCHURTER-KD114199151 Datasheet
504Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KG-BOWDENCABLE SCHURTER-KG-BOWDENCABLE Datasheet
424Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
20.08.2020
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
6765 SCHURTER-6765 Datasheet
453Kb / 4P
   IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
KEC SCHURTER-KEC_18 Datasheet
822Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC_V01 Datasheet
874Kb / 8P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com