Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM00120511 Datasheet(PDF) 3 Page - Schurter Inc.

Part # KM00120511
Description  IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 1- or 2-pole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KM00120511 Datasheet(HTML) 3 Page - Schurter Inc.

  KM00120511 Datasheet HTML 1Page - Schurter Inc. KM00120511 Datasheet HTML 2Page - Schurter Inc. KM00120511 Datasheet HTML 3Page - Schurter Inc. KM00120511 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power entry modules without line filter
KM
www.schurter.com/pg05
Connectors
Derating Curves
1-pole
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
2.0
1.5
1.0
0.5
0.0
Ambient air temperature Ta °C
2-pole
0
20
40
60
80
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.4
0.6
0.4
1.0
0.8
1.2
Ambient air temperature Ta °C
Variants
Fusedrawermustbeorderedseparately(seeaccessories).
FingergripandExtraSafe.ThesamedrawerasusedbytypeKEA.
Fuseholder
Line Switch
EMC-Shielding
Order Number
1-pole
2-pole
-
KM00.1205.11
2-pole
2-pole
-
KM00.1105.11
1-pole
2-pole
With EMC-shield and without line filter
KM01.1205.11
2-pole
2-pole
With EMC-shield and without line filter
KM01.1105.11
Packaging unit
50Pcs
Required Accessory
Description
Fusedrawer 2
Fusedrawer with and without Voltage Selector Insert
Fingergrip, 2-pole
4301.1401
Extra-Safe, 2-pole
4301.1403
Fingergrip, 1-pole
4301.1405
Extra-Safe, 1-pole
4301.1407
...
Accessories
Assorted Covers
Rear Cover
0859.0076
Cord retaining kits
Cord retaining strain relief
Flat head, A
4700.0001


Similar Part No. - KM00120511

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KM00120511 SCHURTER-KM00120511 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
KM00120511 SCHURTER-KM00120511_V01 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
More results

Similar Description - KM00120511

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
DD11 SCHURTER-DD11_V01 Datasheet
480Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
08.12.2021
DD11 SCHURTER-DD11 Datasheet
586Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
DD12 SCHURTER-DD12 Datasheet
752Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
DD12 SCHURTER-DD12_V01 Datasheet
882Kb / 9P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
04.01.2022
KM00120511 SCHURTER-KM00120511_V01 Datasheet
401Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 2-pole, Line Switch 1- or 2-pole
v
DD12 SCHURTER-DD12_18 Datasheet
835Kb / 8P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF1 SCHURTER-GSF1_18 Datasheet
438Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com