Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z105 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # Z105
Description  ZENER SILICON RETIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

Z105 Datasheet(HTML) 1 Page - Rectron Semiconductor

  Z105 Datasheet HTML 1Page - Rectron Semiconductor Z105 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Z90
THRU
Z330
TECHNICAL SPECIFICATION
ZENER SILICON RETIFIER
s
m
e
t
Il
o
b
m
y
Ss
g
n
i
t
a
Rt
i
n
U
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PP
T
O
T
0
.
1W
e
g
a
t
l
o
V
d
r
a
w
r
o
F
A
0
.
1
=
f
I
@
f
V0
.
1V
e
c
n
e
r
e
l
o
T
z
V0
2%
.
p
m
e
T
n
o
i
t
c
n
u
JT
J
5
7
1
o
t
5
6
-
oC
.
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
5
7
1
o
t
5
6
-
oC
Absolute Maximun Ratings (Ta=25oC)
s
m
e
t
Is
l
a
i
r
e
t
a
M
e
g
a
k
c
a
P1
4
-
O
D
e
s
a
Cc
i
t
s
a
l
P
d
e
d
l
o
M
d
a
e
L
C
8
0
2
d
o
h
t
e
m
E
2
0
2
-
D
T
S
-
l
i
M
d
e
e
t
n
a
r
a
u
g
y
x
o
p
Et
n
a
d
r
a
t
e
r
e
m
a
l
f
e
t
a
r
0
-
V
4
9
L
U
t
h
g
i
e
Wm
a
r
g
4
.
0
Electrical Characteristics (Ta=25oC)
Mechanical Data
Dimensions
1
4
-
O
D1
4
-
O
D
1
4
-
O
D
1
4
-
O
D1
4
-
O
D
RECTRON
SEMICONDUCTOR
Dimensions in millimeters
E
P
Y
T
R
E
N
E
Z
E
G
A
T
L
O
V
)
V
(
z
V(
t
z
I
@)
A
m
R
E
N
E
Z
X
A
M
E
C
N
A
D
E
P
M
I
)
A
m
(
t
z
I
@
)
s
m
h
o
(
z
R
R
E
N
E
Z
X
A
M
E
C
N
A
D
E
P
M
I
)
A
m
(
k
z
I
@
)
s
m
h
o
(
k
z
R
M
U
M
I
X
A
M
E
S
R
E
V
E
R
T
N
E
R
R
U
C
)
A
u
(
R
I
)
V
(
R
V
@
M
U
M
I
X
A
M
D
R
A
W
R
O
F
E
G
A
T
L
O
V
A
0
.
1
=
F
I
0
9
Z7
.
2
0
97
.
2
0
5
25
2
.
0
0
0
0
25
.
0
0
70
.
1
0
0
1
Z5
.
2
0
0
15
.
2
0
5
35
2
.
0
0
0
0
35
.
0
5
70
.
1
5
0
1
Z4
.
2
5
0
14
.
2
0
0
45
2
.
0
0
0
5
35
.
0
7
70
.
1
0
1
1
Z3
.
2
0
1
13
.
2
0
5
45
2
.
0
0
0
0
45
.
0
0
80
.
1
5
1
1
Z2
.
2
5
1
12
.
2
0
0
55
2
.
0
0
5
2
45
.
0
5
80
.
1
0
2
1
Z1
.
2
0
2
11
.
2
0
5
55
2
.
0
0
0
5
45
.
0
0
90
.
1
0
3
1
Z9
.
1
0
3
19
.
1
0
0
75
2
.
0
0
0
0
55
.
0
5
90
.
1
5
3
1
Z5
8
.
1
5
3
15
8
.
1
0
5
75
2
.
0
0
5
2
55
.
0
0
0
10
.
1
0
4
1
Z8
.
1
0
4
18
.
1
0
0
85
2
.
0
0
0
5
55
.
0
5
0
10
.
1
0
5
1
Z7
.
1
0
5
17
.
1
0
0
0
15
2
.
0
0
0
0
65
.
0
0
1
10
.
1
0
6
1
Z6
.
1
0
6
16
.
1
0
0
1
15
2
.
0
0
0
5
65
.
0
0
2
10
.
1
0
7
1
Z5
.
1
0
7
15
.
1
0
0
2
15
2
.
0
0
5
7
65
.
0
0
3
10
.
1
0
8
1
Z4
.
1
0
8
14
.
1
0
5
3
15
2
.
0
0
0
0
75
.
0
0
4
10
.
1
25.4 MIN
25.4 MIN
5.20
4.20
0.90
0.70
DIA.
DIA.
2.70
2.00
1 WATT
VOLTAGE RANGE- 90 to 330 Volts
CURRENT- 0.5 Ampere
NOTE: Standard tolerance: +-20%, Suffix “A”: +-10%


Similar Part No. - Z105

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
Z105 SEMTECH_ELEC-Z105 Datasheet
217Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Baumer IVO GmbH & Co. K...
Z105.02A IVO-Z105.02A Datasheet
167Kb / 1P
   Accessories & Service
Z10502A IVO-Z10502A Datasheet
167Kb / 1P
   Accessories & Service
logo
Alpha & Omega Semicondu...
Z1051P AOSMD-Z1051P Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
Z1051PI AOSMD-Z1051PI Datasheet
635Kb / 14P
   EZBuck??3 A Synchronous Buck Regulator
More results

Similar Description - Z105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS220CE STMICROELECTRONICS-STPS220CE Datasheet
215Kb / 2P
   SCHOTTKY RETIFIER
logo
List of Unclassifed Man...
ESM108R ETC1-ESM108R Datasheet
159Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICOM RETIFIER
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com