Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSMY46K27GH-V5HAZ161D-A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSMY46K27GH-V5HAZ161D-A
Description  LED Light Strip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSMY46K27GH-V5HAZ161D-A Datasheet(HTML) 1 Page - OptoSupply International

  OSMY46K27GH-V5HAZ161D-A Datasheet HTML 1Page - OptoSupply International OSMY46K27GH-V5HAZ161D-A Datasheet HTML 2Page - OptoSupply International OSMY46K27GH-V5HAZ161D-A Datasheet HTML 3Page - OptoSupply International OSMY46K27GH-V5HAZ161D-A Datasheet HTML 4Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model No.
OSMY46K27GH-
XXXAZ161D-A
REV.
C2
PRODUCT SPECIFICATION FOR LED Light Strip
Descriptions:
1
• Low Power Consumption, High Intensity
• Long life, Easy Installation
• Voltages Available 12VDC
• LED Model Number: OSXXXAZ161D 1
Features:
1
• Available in Red , Orange , Yellow , Green , Blue , White
• Directly use on line voltage
• Low Power Consumption , High intensity
• Energy saving
• Excellent beam control
Long life
Application:
1
• Channel letter signs
• Indirect accent décor light
• Large area back lighting
• Under counter light
• Decorate building ’s contour
Substitute neon light
Product Picture:
1
1


Similar Part No. - OSMY46K27GH-V5HAZ161D-A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMY46K27GH-XXXAZ161D-A OPTOSUPPLY-OSMY46K27GH-XXXAZ161D-A Datasheet
123Kb / 4P
   Low Power Consumption, High Intensity
More results

Similar Description - OSMY46K27GH-V5HAZ161D-A

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
   LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
   LED Light Strip
OSMY61K37GH-R5MA5111A-A OPTOSUPPLY-OSMY61K37GH-R5MA5111A-A Datasheet
119Kb / 4P
   LED Light Strip
logo
Bright View Electronic ...
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
   LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMH50830GP-R5M3Z2C1P-A OPTOSUPPLY-OSMH50830GP-R5M3Z2C1P-A Datasheet
79Kb / 3P
   LED Light Strip
OSMW05C12GP-R5PTS4C1A-A OPTOSUPPLY-OSMW05C12GP-R5PTS4C1A-A Datasheet
57Kb / 3P
   LED Light Strip
OSMW03C12GP-R5MAS1C1A-A OPTOSUPPLY-OSMW03C12GP-R5MAS1C1A-A Datasheet
157Kb / 3P
   LED Light Strip
OSMW38E20GJ-R5MAS1C1A-A OPTOSUPPLY-OSMW38E20GJ-R5MAS1C1A-A Datasheet
86Kb / 3P
   LED Light Strip
OSMW60E32GM-R5MAS1C1A-A OPTOSUPPLY-OSMW60E32GM-R5MAS1C1A-A Datasheet
88Kb / 3P
   LED Light Strip
logo
Banner Engineering Corp...
WLS15 BANNER-WLS15 Datasheet
2Mb / 8P
   WLS15 LED Strip Light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com