Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3008W8PXX99E60X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 3008W8PXX99E60X
Description  Combination D-SUB without contacts, For straight high power, coaxial or high voltage contacts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

3008W8PXX99E60X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  3008W8PXX99E60X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 3008W8PXX99E60X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6|24
RoHS compliant – CSA listed, File No.: LR 115000-1–UL listed, File No.: E 228329
Shell size
A -0.76
B -0.25
C
1
31.19
16.46
25.00
+ 0.12
- 0.13
2
39.52
24.79
33.30
+ 0.15
- 0.10
3
53.42
38.50
47.04 ± 0.13
4
69.70
54.96
63.50 ± 0.13
Shell size
A -0.76
B +0.25
C
D -0.30
1
31.19
16.79
25.00
+ 0.12
- 0.13
6.12
2
39.52
25.12
33.30
+ 0.15
- 0.10
6.12
3
53.42
38.84
47.04 ± 0.13
5.99
4
69.70
55.30
63.50 ± 0.13
5.99
Combination D-SUB Connectors
Description
Order data
Socket connector
Plug connector
Combination D-SUB without contacts
For straight high power, coaxial or high voltage contacts
Socket connector
Design Mounting style
Part Number
3W3
Through-hole
3 003W3SXX99A10 X
5W5
Through-hole
3 005W5SXX99A10 X
8W8
Through-hole
3 008W8SXX99A10 X
Coded version
2W2C
Through-hole
3 02W2CSXX99A10 X
3W3C
Through-hole
3 03W3CSXX99A10 X
Designs: 2W2C; 3W3; 3W3C; 5W5; 8W8
Mounting styles:
- with through-hole, Ø .118” 3 mm
- with 4-40 UNC threaded insert
- with 4-40 UNC threaded rear spacer
- with 4-40 UNC threaded rear spacer with PCB clip .291” 7.4 mm for
PCB thickness .063” 1.6 mm, .091” 2.3 mm, .126” 3.2 mm
On request: Threaded rear spacer with PCB clip .256” 6.5 mm available
On request: M3 thread design available
Shell: Steel tin plated (brass tin plated or stainless steel available on request)
Plug connector
Design Mounting style
Part Number
3W3
Through-hole
3 003W3PXX99A10 X
5W5
Through-hole
3 005W5PXX99A10 X
8W8
Through-hole
3 008W8PXX99A10 X
Coded version
2W2C
Through-hole
3 02W2CPXX99A10 X
3W3C
Through-hole
3 03W3CPXX99A10 X
Socket connector
Design Mounting style 4-40 UNC Part Number
3W3
Threaded insert
3 003W3SXX99A30 X
5W5
Threaded insert
3 005W5SXX99A30 X
8W8
Threaded insert
3 008W8SXX99A30 X
Coded version
2W2C
Threaded insert
3 02W2CSXX99A30 X
3W3C
Threaded insert
3 03W3CSXX99A30 X
Plug connector
Design Mounting style 4-40 UNC Part Number
3W3
Threaded insert
3 003W3PXX99A30 X
5W5
Threaded insert
3 005W5PXX99A30 X
8W8
Threaded insert
3 008W8PXX99A30 X
Coded version
2W2C
Threaded insert
3 02W2CPXX99A30 X
3W3C
Threaded insert
3 03W3CPXX99A30 X
Coded socket connectors
Coded plug connectors
2W2C = 1 Socket – 1 Plug
3W3C = 2 Sockets – 1 Plug
2W2C = 1 Plug – 1 Socket
3W3C = 2 Plugs – 1 Socket


Similar Part No. - 3008W8PXX99E60X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
3008W8PXX99A50X CONEC-3008W8PXX99A50X Datasheet
1Mb / 1P
   D-SUB COMBINATION MALE 8W8P with threaded rear spacer
16.11.12
3008W8PXX99B50X CONEC-3008W8PXX99B50X Datasheet
1Mb / 1P
   D-SUB COMBINATION MALE 8W8P with threaded rear spacer
16.11.12
3008W8PXX99C50X CONEC-3008W8PXX99C50X Datasheet
1Mb / 1P
   D-SUB COMBINATION MALE 8W8P with threaded rear spacer
16.11.12
3008W8PXX99G40X CONEC-3008W8PXX99G40X Datasheet
225Kb / 1P
   D-SUB COMBINATION MALE 90° 8W8P with threaded insert, metal bracket and snap
21.03.12
3008W8PXX99H20X CONEC-3008W8PXX99H20X Datasheet
134Kb / 1P
   D-SUB COMBINATION MALE 90° 8W8P with threaded lock and metal bracket
12.05.10
More results

Similar Description - 3008W8PXX99E60X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
3005W5SXX99A30X CONEC-3005W5SXX99A30X Datasheet
48Kb / 1P
   D-SUB COMBINATION FEMALE 5W5S WITHOUT CONTACTS
302W2CSXX99A30X CONEC-302W2CSXX99A30X Datasheet
74Kb / 1P
   D-SUB COMBINATION FEMALE 2W2CS WITHOUT CONTACTS
logo
Japan Aviation Electron...
CJ4 JAE-CJ4 Datasheet
277Kb / 5P
   COAXIAL CONTACTS FOR D sub CONNECTORS
logo
CONEC Elektronische Bau...
132J25019X CONEC-132J25019X Datasheet
87Kb / 1P
   Combination D-SUB Contacts, Coaxial contacts - Angled - PCB termination - 3 solder pins
logo
PHOENIX CONTACT
2900960 PHOENIX-2900960 Datasheet
63Kb / 3P
   relay base, for high-power relay with 2 or 3 changeover contacts or 3 N/O contacts
logo
EDAC, All Rights Reserv...
628-292-001 EDAC-628-292-001 Datasheet
54Kb / 1P
   Contacts Series D-Sub Connector Contacts
logo
Molex Electronics Ltd.
1731121735 MOLEX-1731121735 Datasheet
29Kb / 1P
   FCT Locator for Coaxial Contacts
08/25/2022
logo
EDAC, All Rights Reserv...
638-292-271 EDAC-638-292-271 Datasheet
69Kb / 1P
   Contacts Series D-Sub Connector Contacts
627-290-001 EDAC-627-290-001 Datasheet
54Kb / 1P
   Contacts Series D-Sub Connector Contacts
637-292-271 EDAC-637-292-271 Datasheet
72Kb / 1P
   Contacts Series D-Sub Connector Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com