Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B9100 Datasheet(PDF) 3 Page - EPCOS

Part # B9100
Description  SAW CELL / GPS / PCS Triplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9100 Datasheet(HTML) 3 Page - EPCOS

  B9100 Datasheet HTML 1Page - EPCOS B9100 Datasheet HTML 2Page - EPCOS B9100 Datasheet HTML 3Page - EPCOS B9100 Datasheet HTML 4Page - EPCOS B9100 Datasheet HTML 5Page - EPCOS B9100 Datasheet HTML 6Page - EPCOS B9100 Datasheet HTML 7Page - EPCOS B9100 Datasheet HTML 8Page - EPCOS B9100 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
October 16, 2009
B9100
859.0 / 1575.42 / 1920.0 MHz
SAW Components
SAW CELL / GPS / PCS Triplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω || 6.8 nH (ANT)
Terminating load impedance:
ZL =50 Ω (CELL, GPS + 1.5 nH or || 20n H, PCS)
B9100
min.
typ.
@ 25 ˚C
max.
ANT - CELL
Center frequency
fC
––
859.0
––
MHz
Maximum insertion attenuation
α
max
824.0
...
894.0
MHz
––
0.6
0.8
dB
VSWR
824.0
...
894.0
MHz
––
1.25
1.6
ANT - PCS
Center frequency
fC
––
1920.0
––
MHz
Maximum insertion attenuation
α
max
1850.0
... 1990.0
MHz
––
0.65
0.9
dB
VSWR
1850.0
... 1990.0
MHz
––
1.25
1.6
ANT - GPS
Center frequency
fC
––
1575.42
––
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
––
1.25
1.8
dB
VSWR
1574.42 ... 1576.42 MHz
––
1.5
1.8
Attenuation
α
824.0
...
849.0
MHz
32
45
––
dB
1495.0
... 1515.0
MHz
25
37
––
dB
1610.0
... 1625.0
MHz
10
25
––
dB
1635.0
... 1655.0
MHz
25
40
––
dB
1710.0
... 1755.0
MHz
35
42
––
dB
1850.0
... 1980.0
MHz
32
40
––
dB
2400.0
... 2500.0
MHz
23
29
––
dB
CELL - GPS
Attenuation
α
1574.42 ... 1576.42 MHz
20
35
––
dB
824.0
...
849.0
MHz
42
46
––
dB
PCS - GPS
Attenuation
α
1574.42 ... 1576.42 MHz
14
23
––
dB
1850.0
... 1910.0
MHz
42
46
––
dB


Similar Part No. - B9100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9101 EPCOS-B9101 Datasheet
172Kb / 12P
   SAW CELL/GPS/PCS Triplexer
B9102 EPCOS-B9102 Datasheet
183Kb / 12P
   CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
B9102 EPCOS-B9102 Datasheet
185Kb / 12P
   CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
B9102 EPCOS-B9102_2 Datasheet
185Kb / 12P
   CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
More results

Similar Description - B9100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B9101 EPCOS-B9101 Datasheet
172Kb / 12P
   SAW CELL/GPS/PCS Triplexer
B9102 EPCOS-B9102 Datasheet
183Kb / 12P
   CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
B9102 EPCOS-B9102_2 Datasheet
185Kb / 12P
   CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
logo
TDK Electronics
B39431B3532A410 TDK-B39431B3532A410 Datasheet
146Kb / 13P
   SAW Components SAW Triplexer
B39311B3534A410 TDK-B39311B3534A410 Datasheet
143Kb / 13P
   SAW Components SAW Triplexer
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1612 AVAGO-ALM-1612 Datasheet
325Kb / 17P
   GPS LNA-Filter Front-End Module Exceptional Cell/PCS-Band rejection
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
ACFM-7102 AVAGO-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Broadcom Corporation.
ACFM-7103 BOARDCOM-ACFM-7103 Datasheet
1Mb / 20P
   PCS/Cellular/S-GPS Quintplexer
ACFM-7102 BOARDCOM-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com