Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSM50830GP-O5CAS3C1A-D Datasheet(PDF) 1 Page - OptoSupply International

Part # OSM50830GP-O5CAS3C1A-D
Description  LED Ribbon Light
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSM50830GP-O5CAS3C1A-D Datasheet(HTML) 1 Page - OptoSupply International

  OSM50830GP-O5CAS3C1A-D Datasheet HTML 1Page - OptoSupply International OSM50830GP-O5CAS3C1A-D Datasheet HTML 2Page - OptoSupply International OSM50830GP-O5CAS3C1A-D Datasheet HTML 3Page - OptoSupply International OSM50830GP-O5CAS3C1A-D Datasheet HTML 4Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Model No.
OSMF50830GP-
XXXXS3C1A-D
REV.
C2
PRODUCT SPECIFICATION FOR LED Ribbon Light
Descriptions:
1
• Linear separable LED strip on flexible printed circuit board with self-
adhesive back.
• Long life, Easy Installation
• Voltages Available 12VDC
• LED Model Number: OSXXXXS3C1A
Features:
1
• Available in Red , Orange , Yellow , Green , Blue , White
• Directly use on line voltage
• Low Power Consumption , High intensity
• Energy saving
• Excellent beam control
• Long life
Application:
1
• Channel letter signs
• Indirect accent décor light
• Large area back lighting
• Under counter light
• Decorate building ’s contour
• Substitute neon light
Product Picture:
1


Similar Part No. - OSM50830GP-O5CAS3C1A-D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM53002X1B68VW OPTOSUPPLY-OSM53002X1B68VW Datasheet
126Kb / 1P
   d6*37 68v warm white tubular power led
OSM53014C1A OPTOSUPPLY-OSM53014C1A Datasheet
504Kb / 9P
   3.0 x 1.4 x 0.8mm SMD
OSM543S3C1A OPTOSUPPLY-OSM543S3C1A Datasheet
114Kb / 1P
   3.5x2.8x1.9mm Warm White Top SMD LED
OSM543T6C1E OPTOSUPPLY-OSM543T6C1E Datasheet
706Kb / 5P
   Tops 6 Power Warm White Ceramic LED Long lifetime operation High-power LED
OSM543Z5D1P OPTOSUPPLY-OSM543Z5D1P Datasheet
110Kb / 1P
   Super Flux Warm White LED
More results

Similar Description - OSM50830GP-O5CAS3C1A-D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSMTR5 OPTOSUPPLY-OSMTR5 Datasheet
286Kb / 4P
   LED Ribbon Light
OSBH50830G3-OSR5RUS1C1A-X OPTOSUPPLY-OSBH50830G3-OSR5RUS1C1A-X Datasheet
922Kb / 4P
   LED Ribbon Light
OSMF48816GP-R5MAS1C1A-D OPTOSUPPLY-OSMF48816GP-R5MAS1C1A-D Datasheet
126Kb / 4P
   LED Ribbon Light
OSBH25E15G3-OSR5RTS4C1A-X OPTOSUPPLY-OSBH25E15G3-OSR5RTS4C1A-X Datasheet
929Kb / 4P
   LED Ribbon Light
OSMF48824GP-R5MAS1C1A-D OPTOSUPPLY-OSMF48824GP-R5MAS1C1A-D Datasheet
123Kb / 4P
   LED Ribbon Light
OSBF50E15G3-OSR5RTS4C1A-X OPTOSUPPLY-OSBF50E15G3-OSR5RTS4C1A-X Datasheet
936Kb / 4P
   LED Ribbon Light
OSBHA0E30G3-OSR5RTS4C1A-X OPTOSUPPLY-OSBHA0E30G3-OSR5RTS4C1A-X Datasheet
990Kb / 4P
   LED Ribbon Light
OSMFR5 OPTOSUPPLY-OSMFR5 Datasheet
414Kb / 4P
   LED Ribbon Light
OSBH50E30G3-OSR5RTS4C1A OPTOSUPPLY-OSBH50E30G3-OSR5RTS4C1A Datasheet
931Kb / 4P
   LED Ribbon Light
OSMF25G18GP-R5MAS1C1A-D OPTOSUPPLY-OSMF25G18GP-R5MAS1C1A-D Datasheet
123Kb / 4P
   LED Ribbon Light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com