Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECLAMP2504K.TCT Datasheet(PDF) 5 Page - Semtech Corporation

Part # ECLAMP2504K.TCT
Description  ESD/EMI Protection for Color LCD Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ECLAMP2504K.TCT Datasheet(HTML) 5 Page - Semtech Corporation

  ECLAMP2504K.TCT Datasheet HTML 1Page - Semtech Corporation ECLAMP2504K.TCT Datasheet HTML 2Page - Semtech Corporation ECLAMP2504K.TCT Datasheet HTML 3Page - Semtech Corporation ECLAMP2504K.TCT Datasheet HTML 4Page - Semtech Corporation ECLAMP2504K.TCT Datasheet HTML 5Page - Semtech Corporation ECLAMP2504K.TCT Datasheet HTML 6Page - Semtech Corporation ECLAMP2504K.TCT Datasheet HTML 7Page - Semtech Corporation ECLAMP2504K.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
© 2010 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
EClamp2504K
Applications Information
Figure 3 - Recommended Layout Using Ground Vias
Figure 4 - Filter Characteristics Using Recommended
Layout with Internal Vias
Figure 3 shows the recommended device layout. The
ground pad vias have a diameter of 0.008 inches
(0.20 mm) while the two external vias have a diameter
of 0.010 inches (0.250mm). The internal vias are
spaced approximately evenly from the center of the
pad. The designer may choose to use more vias with a
smaller diameter (such as 0.005 inches or 0.125mm)
since changing the diameter of the via will result in
little change in inductance (i.e. the log function in
Equation 2 is highly insensitive to parameter d) .
Figure 4 shows a typical insertion loss (S21) plot for
the device using Semtech’s filter evaluation board with
50 Ohm traces and the recommended via configura-
tion.
1
2
3
4
START . 030 MHz
3
STOP
000. 000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
1: -4. 46 dB
250 M Hz
2: -26.206 dB
800 M Hz
3: -34.349 dB
1.8 GHz
4: -33.371 dB
2.7 GHz
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
-42 dB
-48 dB


Similar Part No. - ECLAMP2504K.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2506K SEMTECH-ECLAMP2506K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2506K.TCT SEMTECH-ECLAMP2506K.TCT Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2508K SEMTECH-ECLAMP2508K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2508K.TCT SEMTECH-ECLAMP2508K.TCT Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results

Similar Description - ECLAMP2504K.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2454P SEMTECH-ECLAMP2454P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
logo
Shanghai Leiditech Elec...
EM2376K LEIDITECH-EM2376K Datasheet
412Kb / 3P
   ESD/EMI PROTECTION FOR COLOR LCD INTERFACES
logo
Semtech Corporation
ECLAMP2376K SEMTECH-ECLAMP2376K Datasheet
170Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2396P SEMTECH-ECLAMP2396P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2506K SEMTECH-ECLAMP2506K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2508K SEMTECH-ECLAMP2508K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2374P SEMTECH-ECLAMP2374P Datasheet
219Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2386K SEMTECH-ECLAMP2386K Datasheet
165Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2394P SEMTECH-ECLAMP2394P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2458P SEMTECH-ECLAMP2458P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com