Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECLAMP2455K.TCT Datasheet(PDF) 4 Page - Semtech Corporation

Part # ECLAMP2455K.TCT
Description  ESD/EMI Protection for SIM Card
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ECLAMP2455K.TCT Datasheet(HTML) 4 Page - Semtech Corporation

  ECLAMP2455K.TCT Datasheet HTML 1Page - Semtech Corporation ECLAMP2455K.TCT Datasheet HTML 2Page - Semtech Corporation ECLAMP2455K.TCT Datasheet HTML 3Page - Semtech Corporation ECLAMP2455K.TCT Datasheet HTML 4Page - Semtech Corporation ECLAMP2455K.TCT Datasheet HTML 5Page - Semtech Corporation ECLAMP2455K.TCT Datasheet HTML 6Page - Semtech Corporation ECLAMP2455K.TCT Datasheet HTML 7Page - Semtech Corporation ECLAMP2455K.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
© 2007 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
EClamp2455K
Typical Characteristics
Typical Insertion Loss S21 (Pin 2 to 7)
Analog Crosstalk (Each Line)
ESD Clamping (+8kV Contact)
ESD Clamping (-8kV Contact)
Note: Data is taken with a 10x attenuator
Note: Data is taken with a 10x attenuator
Normalized Capacitance vs. Reverse Voltage
Typical Insertion Loss S21 (Pin 1 to 8 and Pin 3 to 6)
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
1: -6.4316 dB
307.466 MHz
2: -14.641 dB
900 MHz
3: -23.808dB
1.8 GHz
4: -28.845 dB
2.5 GHz
5: -30.455 dB
2.7 GHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz
1
2
3
4
5
-42 dB
-48 dB
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
1: -8.9909 dB
294.402 MHz
2: -19.003 dB
900 MHz
3: -28.966dB
1.8 GHz
4: -30.765 dB
2.5 GHz
5: -30.974 dB
2.7 GHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz
1
2
3
4
5
-42 dB
-48 dB
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
20 dB /REF 0 dB
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Reverse Voltage - VR (V)
f = 1 MHz


Similar Part No. - ECLAMP2455K.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2455P SEMTECH-ECLAMP2455P Datasheet
167Kb / 8P
   ESD/EMI Proection for SIM Card
ECLAMP2455P.TCT SEMTECH-ECLAMP2455P.TCT Datasheet
167Kb / 8P
   ESD/EMI Proection for SIM Card
More results

Similar Description - ECLAMP2455K.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2485T SEMTECH-ECLAMP2485T Datasheet
278Kb / 10P
   ESD/EMI Protection for SIM Card
ECLAMP2465T SEMTECH-ECLAMP2465T Datasheet
151Kb / 8P
   Low Capacitance ESD/EMI Protection for SIM Card
logo
ON Semiconductor
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
   EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
CM6304 ONSEMI-CM6304 Datasheet
193Kb / 4P
   EMI Filters with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 6
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
   SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
CM6300 ONSEMI-CM6300 Datasheet
113Kb / 4P
   EMI Filters with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 7
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
logo
Semtech Corporation
ECLAMP2455P SEMTECH-ECLAMP2455P Datasheet
167Kb / 8P
   ESD/EMI Proection for SIM Card
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com