Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECLAMP2455K Datasheet(PDF) 3 Page - Semtech Corporation

Part # ECLAMP2455K
Description  ESD/EMI Protection for SIM Card
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ECLAMP2455K Datasheet(HTML) 3 Page - Semtech Corporation

  ECLAMP2455K Datasheet HTML 1Page - Semtech Corporation ECLAMP2455K Datasheet HTML 2Page - Semtech Corporation ECLAMP2455K Datasheet HTML 3Page - Semtech Corporation ECLAMP2455K Datasheet HTML 4Page - Semtech Corporation ECLAMP2455K Datasheet HTML 5Page - Semtech Corporation ECLAMP2455K Datasheet HTML 6Page - Semtech Corporation ECLAMP2455K Datasheet HTML 7Page - Semtech Corporation ECLAMP2455K Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
© 2007 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
EClamp2455K
Maximum Ratings
Electrical Characteristics (T=25oC)
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
r
i
A
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
)
t
c
a
t
n
o
C
(
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
D
S
E
V
D
S
E
8
1
-
/
+
2
1
-
/
+
V
k
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
5
2
1
o
C
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
p
o
5
8
+
o
t
0
4
-
o
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
o
C
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
C
s
n
o
i
t
i
d
n
o
Cs
n
o
i
t
i
d
n
o
Cm
u
m
i
n
i
Mm
u
m
i
n
i
M
m
u
m
i
n
i
M
m
u
m
i
n
i
Mm
u
m
i
n
i
Ml
a
c
i
p
y
Tl
a
c
i
p
y
T
l
a
c
i
p
y
T
l
a
c
i
p
y
Tl
a
c
i
p
y
Tm
u
m
i
x
a
Mm
u
m
i
x
a
M
m
u
m
i
x
a
M
m
u
m
i
x
a
Mm
u
m
i
x
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
R
S
V
TV
M
W
R
5V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
S
V
TV
R
B
I
t
A
m
1
=6
8
0
1V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
S
V
TI
R
V
M
W
R
V
0
.
5
=5
.
0A
μ
s
r
o
t
s
i
s
e
R
s
e
ir
e
S
t
e
s
e
RR
T
S
R
e
n
i
L
h
c
a
E5
80
0
15
1
1s
m
h
O
s
r
o
t
s
i
s
e
R
s
e
ir
e
S
k
l
CR
K
L
C
e
n
i
L
h
c
a
E0
47
45
5s
m
h
O
s
r
o
t
s
i
s
e
R
s
e
ir
e
S
a
t
a
DR
A
T
A
D
e
n
i
L
h
c
a
E5
80
0
15
1
1s
m
h
O
e
c
n
a
t
i
c
a
p
a
C
l
a
t
o
TC
n
i
,
d
n
G
o
t
t
u
p
n
I
e
n
i
L
h
c
a
E
V
R
z
H
M
1
=
f
,
V
0
=
6
10
24
2F
p


Similar Part No. - ECLAMP2455K

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2455P SEMTECH-ECLAMP2455P Datasheet
167Kb / 8P
   ESD/EMI Proection for SIM Card
ECLAMP2455P.TCT SEMTECH-ECLAMP2455P.TCT Datasheet
167Kb / 8P
   ESD/EMI Proection for SIM Card
More results

Similar Description - ECLAMP2455K

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2485T SEMTECH-ECLAMP2485T Datasheet
278Kb / 10P
   ESD/EMI Protection for SIM Card
ECLAMP2465T SEMTECH-ECLAMP2465T Datasheet
151Kb / 8P
   Low Capacitance ESD/EMI Protection for SIM Card
logo
ON Semiconductor
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
   EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
CM6304 ONSEMI-CM6304 Datasheet
193Kb / 4P
   EMI Filters with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 6
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
   SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
CM6300 ONSEMI-CM6300 Datasheet
113Kb / 4P
   EMI Filters with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 7
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
logo
Semtech Corporation
ECLAMP2455P SEMTECH-ECLAMP2455P Datasheet
167Kb / 8P
   ESD/EMI Proection for SIM Card
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com