Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECLAMP2455K Datasheet(PDF) 5 Page - Semtech Corporation

Part # ECLAMP2455K
Description  ESD/EMI Protection for SIM Card
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ECLAMP2455K Datasheet(HTML) 5 Page - Semtech Corporation

  ECLAMP2455K Datasheet HTML 1Page - Semtech Corporation ECLAMP2455K Datasheet HTML 2Page - Semtech Corporation ECLAMP2455K Datasheet HTML 3Page - Semtech Corporation ECLAMP2455K Datasheet HTML 4Page - Semtech Corporation ECLAMP2455K Datasheet HTML 5Page - Semtech Corporation ECLAMP2455K Datasheet HTML 6Page - Semtech Corporation ECLAMP2455K Datasheet HTML 7Page - Semtech Corporation ECLAMP2455K Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
© 2007 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
EClamp2455K
Device Connection
The EClamp2455K designed with ease of layout in
mind. The package has flow through design which
allows the designer to route the signals straight in and
out between the SIM port connector and the SIM
controller. The device is in a 8-pin SLP package.
Electrical connection is made to the 8 pins located at
the bottom of the device. A center tab serves as the
ground connection. Pin connections are noted in
Figure 1. All path lengths should be kept as short as
possible to minimize the effects of parasitic inductance
in the board traces.
Figure 1 - Pin Identification and Configuration
(Top Side View)
Figure 2 - SIM Protection
RST Out
CLK Out
Data Out
RST In
CLK In
Data In
Vcc
1
45
8
Gnd
NC
DATA OUT
RST In
CLK IN
DATA IN
Vcc
EClamp2455P
SIM Card
Connector
CLK OUT
RST OUT
Reset
Clock
Data I/O
5V/3.3V/1.8V
1
45
8
Gnd
DATA OUT
RST In
CLK IN
DATA IN
Vcc
EClamp2455P
SIM Card
Connector
CLK OUT
RST OUT
Reset
Clock
Data I/O
5V/3.3V/1.8V
1
45
8
Gnd
EClamp2455K


Similar Part No. - ECLAMP2455K

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2455P SEMTECH-ECLAMP2455P Datasheet
167Kb / 8P
   ESD/EMI Proection for SIM Card
ECLAMP2455P.TCT SEMTECH-ECLAMP2455P.TCT Datasheet
167Kb / 8P
   ESD/EMI Proection for SIM Card
More results

Similar Description - ECLAMP2455K

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2485T SEMTECH-ECLAMP2485T Datasheet
278Kb / 10P
   ESD/EMI Protection for SIM Card
ECLAMP2465T SEMTECH-ECLAMP2465T Datasheet
151Kb / 8P
   Low Capacitance ESD/EMI Protection for SIM Card
logo
ON Semiconductor
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
   EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
CM6304 ONSEMI-CM6304 Datasheet
193Kb / 4P
   EMI Filters with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 6
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
   SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
CM6300 ONSEMI-CM6300 Datasheet
113Kb / 4P
   EMI Filters with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 7
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
logo
Semtech Corporation
ECLAMP2455P SEMTECH-ECLAMP2455P Datasheet
167Kb / 8P
   ESD/EMI Proection for SIM Card
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com