Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR830 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SR830
Description  SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SR830 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SR830 Datasheet HTML 1Page - Rectron Semiconductor SR830 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High surge capabitity
* High reliability
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: To-220A molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.24 grams
SR820
THRU
SR860
TO-220A
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Thermal Resistance Junction to Case.
2. Suffix “R” for Reverse Polarity.
Dimensions in inches and (millimeters)
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
2001-4
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 3)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
8.0
150
2.5
700
Amps
0 C/ W
0 C
Storage Temperature Range
R
θ JC
IO
-65 to + 125
pF
Operating Temperature Range
TJ
SR820
20
-65 to + 150
-65 to + 150
0 C
SR835
SR830
SR840
SR845
SR850
SR860
30
35
40
45
50
60
14
21
25
28
32
35
42
20
30
35
40
45
50
60
450
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
5.0
50
@TC = 25
oC
@TC = 100
oC
.65
mAmps
UNITS
SR820
SR835
SR830
SR840
SR845
SR850
SR860
.75
.153 (3.9)
.413 (10.5)
.108
.051
.04MAX.
.374 (9.5)
(2.75)
(1.3)
(1.0)
.148 (3.8)
.053 (1.3)
.047 (1.2)
.270 (6.9)
.610 (15.5)
.583 (14.8)
.043 (1.1)
.102 (2.6)
.091 (2.3)
.035 (0.9)
.583 (14.8)
.157
.126
(4.0)
(3.2)
.531 (13.5)
.022 (0.56)
.014 (0.36)
.230 (5.8)
.187 (4.7)
.146 (3.7)


Similar Part No. - SR830

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SR830 HY-SR830 Datasheet
433Kb / 3P
   Schottky Barrier Recitifiers
logo
Bytes
SR830 BYTES-SR830 Datasheet
161Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SR830 YANGJIE-SR830 Datasheet
130Kb / 2P
   Schottky Rectifier
logo
Nanjing International G...
SR830 DGNJDZ-SR830 Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
SR830 ZSELEC-SR830 Datasheet
200Kb / 2P
   8.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SR830

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR820S RECTRON-SR820S Datasheet
24Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
ISR2020C RECTRON-ISR2020C Datasheet
30Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 20 Amperes)
SR1020 RECTRON-SR1020 Datasheet
29Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 10 Amperes
SR1620CS RECTRON-SR1620CS Datasheet
25Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 16 Amperes)
SR320 RECTRON-SR320 Datasheet
230Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes)
SR3020C RECTRON-SR3020C Datasheet
26Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 30 Amperes)
ISR1620C RECTRON-ISR1620C Datasheet
31Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 16 Amperes
SR520 RECTRON-SR520 Datasheet
24Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
SR6020C RECTRON-SR6020C Datasheet
230Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 50 Volts CURRENT 60 Amperes)
ISR1060C RECTRON-ISR1060C Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 10 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com