Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1241.2032.9.1.6 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 1241.2032.9.1.6
Description  NO 2pole, IP65, illuminated Data sheet / Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1241.2032.9.1.6 Datasheet(HTML) 2 Page - Schurter Inc.

  1241.2032.9.1.6 Datasheet HTML 1Page - Schurter Inc. 1241.2032.9.1.6 Datasheet HTML 2Page - Schurter Inc. 1241.2032.9.1.6 Datasheet HTML 3Page - Schurter Inc. 1241.2032.9.1.6 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Changes that contribute to technical improvement are subject to alternations
1996
Datum
Name
HDT
Bearb. 10.09.
Weisen
Gepr.
04.12.07
Weisen.
NO 2pole, IP65, illuminated
Vert.
e
9427
09.11.07
Weisen.
EDV-Datenblatt
Data sheet / Specifications
d
8828
04.05.04
Wesien.
c
8513
27.08.02
Weisen.
nicht manuell ändern
b
8349
14.11.01
Weisen.
a
8016
03.02.00
Weisen.
H
105.9296.201
-
7301
10.09.96
Weisen.
Zu Änd.
Datum
Name
Seite 2 von 4
Index: e
Verteiler nach
H 150.9304 Pos.C05
Technical data
1. Mechanical data
Actuating force
IP65
2,5N
0,5N
Contact travel
NO
1,2mm
0,2mm
End contact travel
2,5mm
0,1mm
End Stop strength (DIN41640 Teil19)
>100N
Lifetime (IEC 512-5 Test 9a)
>5x10
5 Operations
2. Electrical data
Switching voltage max.
50V DC / 60V AC
Switching current max.
200 mA
Lifetime
(rated interrupting capacity 1,2W).
> 2x10
5 cycles
Initial contact resistance, new (IEC 512-2, mV-Methode
< 30m
Ω
Initial contact resistance, after 2x10
5 cycles
< 50m
Ω
Insulation resistance (IEC 512-2)
> 10
10Ω
Contact bounce time
Typ. 0,5ms
3. Other data
Ambient temperature
-40°C...+85°C
Storage temperature
-40°C...+85°C
Cleaning agent proof (gem. IEC 68-2-45)
Zestron
Flux proof (gem. DIN 41640 Teil84) IP65
given
Degree of protection
IP65
4. Materials
Socket, cover, contact unit, carrier ring
Thermoplast PA 4.6
Button illuminated
Thermoplast PES
Sealing ring
Silikon tempered
Terminals
CuZn, 3µm Ag, hot tinned
Contacts
CuBe HM, 5µmAg
5. Packaging
in boxes á 100


Similar Part No. - 1241.2032.9.1.6

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1241.2350 SCHURTER-1241.2350 Datasheet
668Kb / 5P
   Piezo Switch N.O.
05.01.2022
1241.2352 SCHURTER-1241.2352 Datasheet
668Kb / 5P
   Piezo Switch N.O.
05.01.2022
1241.2411.3 SCHURTER-1241.2411.3 Datasheet
668Kb / 5P
   Piezo Switch N.O.
05.01.2022
1241.2411.8 SCHURTER-1241.2411.8 Datasheet
668Kb / 5P
   Piezo Switch N.O.
05.01.2022
1241.2434.8 SCHURTER-1241.2434.8 Datasheet
706Kb / 5P
   Piezo Switch Prolonged Signal
05.01.2022
More results

Similar Description - 1241.2032.9.1.6

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CCPPRI30 CAMDENBOSS-CCPPRI30 Datasheet
207Kb / 1P
   IP65 illuminated pushbuttons
logo
GREATECS
PB72 GREATECS-PB72 Datasheet
391Kb / 5P
   Illuminated Pushbutton Switches IP40/IP65/IP67
logo
American Microsemicondu...
AMS-IRDK250-08 AMMSEMI-AMS-IRDK250-08 Datasheet
537Kb / 2P
   Specifications Sheet
logo
America Semiconductor, ...
1N6101 AMERICASEMI-1N6101 Datasheet
549Kb / 1P
   Specifications Sheet
logo
American Microsemicondu...
1N4725 AMMSEMI-1N4725 Datasheet
430Kb / 1P
   Specifications Sheet
AMSIRDK250-08 AMMSEMI-AMSIRDK250-08 Datasheet
547Kb / 2P
   Specifications Sheet
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com