Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B7742 Datasheet(PDF) 2 Page - EPCOS

Part # B7742
Description  SAW GPS Extractor Filter GPS Extractor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7742 Datasheet(HTML) 2 Page - EPCOS

  B7742 Datasheet HTML 1Page - EPCOS B7742 Datasheet HTML 2Page - EPCOS B7742 Datasheet HTML 3Page - EPCOS B7742 Datasheet HTML 4Page - EPCOS B7742 Datasheet HTML 5Page - EPCOS B7742 Datasheet HTML 6Page - EPCOS B7742 Datasheet HTML 7Page - EPCOS B7742 Datasheet HTML 8Page - EPCOS B7742 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
April 24, 2009
B7742
1575.42 / 859 / 1810 / 1920 / 2140 / 2441.75 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW GPS Extractor Filter
Data Sheet
Application
s
Low loss RF GPS Extractor filter for mobile phones
using common antenna for GPS and Cellu-
lar/PCS/K-PCS/WCDMA/Bluetooth band
s
Placed between antenna, GPS and Cellular/PCS/K-
PCS/WCDMA/Bluetooth band
s
No switches and control lines required
s
Integrated low loss GPS filter with single ended out-
put 50
s
Very low insertion attenuation in GPS and NON-
GPS band
s
High selectivity of GPS filter
s
Low amplitude ripple in all bands
s
Usable passbands 2 MHz (GPS), 70 MHz (Cellular),
120 MHz (K-PCS), 140 MHz (PCS), 60 MHz
(WCDMA Band I), 83.5 MHz (Bluetooth)
Features
s
Package size 2.5 x 2.0 x 0.68 mm3
s
Package code DCS6N
s
RoHS compatible
s
Approximate weight 0.015 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
1
Input antenna
s
3
Output GPS band
s
6
Output
NON-GPS
band
(Cellular/K-
PCS/PCS/WCDMA/Bluetooth band depend-
ing on external matching)
s
4
To be grounded
s
2,5
Ground
1
2,5
4
6
3


Similar Part No. - B7742

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7742 EPCOS-B7742 Datasheet
217Kb / 16P
   SAW GPS Extractor Filter 1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
More results

Similar Description - B7742

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39162B4340P810 TDK-B39162B4340P810 Datasheet
200Kb / 12P
   SAW Components GPS/GLONASS Extractor Filter
B39162B9839P810 TDK-B39162B9839P810 Datasheet
167Kb / 10P
   GPS/GLONASS Extractor Filter
B39162B4322P810 TDK-B39162B4322P810 Datasheet
135Kb / 11P
   SAW Components GPS/GLONASS Extractor
logo
Murata Manufacturing Co...
SADAC1G56AB0E0A MURATA1-SADAC1G56AB0E0A Datasheet
475Kb / 12P
   SAW Extractor for GPS / Unbalanced / 10pin /1511
logo
EPCOS
B7742 EPCOS-B7742 Datasheet
217Kb / 16P
   SAW GPS Extractor Filter 1575.42 / 859.0 / 1810.0 / 1920.0 / 2441.75 MHz
logo
Murata Manufacturing Co...
SADAG1G17AA0C0A MURATA1-SADAG1G17AA0C0A Datasheet
620Kb / 15P
   SAW Extractor for GPS L1_GPS L5_Cellular / Unbalanced / 9pin/2016
logo
EPCOS
B9037 EPCOS-B9037 Datasheet
82Kb / 8P
   SAW GPS filter
logo
TDK Electronics
B39162B9444M410 TDK-B39162B9444M410 Datasheet
112Kb / 8P
   SAW GPS filter
logo
EPCOS
B9417 EPCOS-B9417_1 Datasheet
83Kb / 8P
   SAW filter GPS
B9444 EPCOS-B9444 Datasheet
83Kb / 8P
   SAW GPS filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com