Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5213 Datasheet(PDF) 2 Page - EPCOS

Part # B5213
Description  SAW IF filter TD-SCDMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5213 Datasheet(HTML) 2 Page - EPCOS

  B5213 Datasheet HTML 1Page - EPCOS B5213 Datasheet HTML 2Page - EPCOS B5213 Datasheet HTML 3Page - EPCOS B5213 Datasheet HTML 4Page - EPCOS B5213 Datasheet HTML 5Page - EPCOS B5213 Datasheet HTML 6Page - EPCOS B5213 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
February 24, 2009
B5213
115.2 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
Application
s
Low-loss IF filter for TD-SCDMA base station
s
Usable passband 20.0 MHz
s
Unbalanced or balanced operation
Features
s
Package size 7.0 x 5.0 x 1.48 mm3
s
Package code QCC12C
s
RoHS compatible
s
Approximate weight 0.25 g
s
Ceramic package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Filter surface passivated
Pin configuration
s
10
Input
s
12
Input ground or balanced input
s
4
Output
s
6
Output ground or balanced output
s
1, 2, 7, 8
To be grounded
s
3, 9
Case ground


Similar Part No. - B5213

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5210 EPCOS-B5210 Datasheet
65Kb / 7P
   SAW IF filter Radiolink
B5211 EPCOS-B5211 Datasheet
70Kb / 7P
   SAW IF filter RadioLink
B5215 EPCOS-B5215 Datasheet
76Kb / 8P
   SAW IF filter LTE
B5216 EPCOS-B5216 Datasheet
64Kb / 7P
   SAW IF filter GSM/EDGE, high symbol rate
B5217 EPCOS-B5217 Datasheet
70Kb / 7P
   SAW IF filter Clean up filter
More results

Similar Description - B5213

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
   SAW IF filter TD-SCDMA
B5206 EPCOS-B5206 Datasheet
57Kb / 7P
   SAW IF filter TD-SCDMA
B5077 EPCOS-B5077 Datasheet
67Kb / 8P
   SAW IF filter TD-SCDMA
B5207 EPCOS-B5207 Datasheet
65Kb / 7P
   SAW IF filter TD-SCDMA
B5227 EPCOS-B5227 Datasheet
70Kb / 7P
   SAW IF filter TD-SCDMA
B5140 EPCOS-B5140 Datasheet
76Kb / 8P
   SAW filter TD-SCDMA
logo
Murata Manufacturing Co...
SAWFD1G90LA0F0A MURATA1-SAWFD1G90LA0F0A Datasheet
292Kb / 10P
   SAW FILTER FOR TD-SCDMA
Sep. 29, 2010
logo
Transko Electronics, In...
TA2017DM TRANSKO-TA2017DM Datasheet
394Kb / 4P
   TD-SCDMA, RF SAW Filter
Revision 0: September 2009
TA1900BQ1 TRANSKO-TA1900BQ1 Datasheet
523Kb / 5P
   TD-SCDMA, RF SAW Filter
Revision 0: October 2011
logo
EPCOS
B9467 EPCOS-B9467 Datasheet
96Kb / 8P
   SAW filter TD-SCDMA 2100
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com