Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5204 Datasheet(PDF) 4 Page - EPCOS

Part # B5204
Description  SAW IF filter LTE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5204 Datasheet(HTML) 4 Page - EPCOS

  B5204 Datasheet HTML 1Page - EPCOS B5204 Datasheet HTML 2Page - EPCOS B5204 Datasheet HTML 3Page - EPCOS B5204 Datasheet HTML 4Page - EPCOS B5204 Datasheet HTML 5Page - EPCOS B5204 Datasheet HTML 6Page - EPCOS B5204 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
November 17, 2009
B5204
164.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
Lp1
Ls2
Ls3
Lp4
Matching network to 50
Element values depend upon board layout and properties.
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Input power
PIN
15
dBm
Input power
PIN
21
dBm
lifetime-test ongoing
Input power (peak)
PIN
22
dBm
for 2 minutes
Lp1 =33 nH
Ls2 =33 nH
Ls3 =22 nH
Lp4 =33 nH


Similar Part No. - B5204

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B520 WEITRON-B520 Datasheet
170Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B520 CTC-B520 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B520 WEITRON-B520 Datasheet
615Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B5200 CTC-B5200 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
B5200 CTC-B5200 Datasheet
95Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B5204

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5219 EPCOS-B5219 Datasheet
66Kb / 7P
   SAW IF filter LTE
B5220 EPCOS-B5220 Datasheet
62Kb / 7P
   SAW IF filter LTE
B5215 EPCOS-B5215 Datasheet
76Kb / 8P
   SAW IF filter LTE
B5128 EPCOS-B5128 Datasheet
94Kb / 8P
   SAW filter LTE
B5130 EPCOS-B5130 Datasheet
95Kb / 9P
   SAW filter LTE
logo
Transko Electronics, In...
TF-174501-S20 TRANSKO-TF-174501-S20 Datasheet
478Kb / 4P
   LTE, RF SAW Filter
Revision 0: October 2012
TA737AM TRANSKO-TA737AM Datasheet
373Kb / 4P
   LTE, RF SAW Filter
Revision 3: July 2015
TA1845AM TRANSKO-TA1845AM Datasheet
392Kb / 4P
   LTE, RF SAW Filter
Revision 0: December 2011
TA806BM TRANSKO-TA806BM Datasheet
376Kb / 4P
   LTE, RF SAW Filter
Revision 1: November 2012
TF-184001-S20 TRANSKO-TF-184001-S20 Datasheet
470Kb / 4P
   LTE, RF SAW Filter
Revision 0: October 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com