Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39181-B5201-H510 Datasheet(PDF) 6 Page - EPCOS

Part # B39181-B5201-H510
Description  SAW IF Filter CDMA base station, Rx
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39181-B5201-H510 Datasheet(HTML) 6 Page - EPCOS

  B39181-B5201-H510 Datasheet HTML 1Page - EPCOS B39181-B5201-H510 Datasheet HTML 2Page - EPCOS B39181-B5201-H510 Datasheet HTML 3Page - EPCOS B39181-B5201-H510 Datasheet HTML 4Page - EPCOS B39181-B5201-H510 Datasheet HTML 5Page - EPCOS B39181-B5201-H510 Datasheet HTML 6Page - EPCOS B39181-B5201-H510 Datasheet HTML 7Page - EPCOS B39181-B5201-H510 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Jul 16, 2008
B5201
183.6 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
Low-Loss Filter
Data sheet
Transfer function
Transfer function (passband)


Similar Part No. - B39181-B5201-H510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39181-B4864-Z710 EPCOS-B39181-B4864-Z710 Datasheet
81Kb / 7P
   SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B39181-B4944-Z810 EPCOS-B39181-B4944-Z810 Datasheet
96Kb / 4P
   SAW Components Low-Loss Filter for Mobile Communication 181,80 MHz
B39181-B4955-H310 EPCOS-B39181-B4955-H310 Datasheet
92Kb / 5P
   SAW Components Low-Loss Filter for Mobile Communication 183,6 MHz
More results

Similar Description - B39181-B5201-H510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5076 EPCOS-B5076 Datasheet
64Kb / 7P
   SAW IF filter CDMA
logo
Oscilent Corporation
803-RF384.0M-A OSCILENT-803-RF384.0M-A Datasheet
534Kb / 3P
   CDMA Rx RF SAW Filter
logo
Transko Electronics, In...
TA384AP TRANSKO-TA384AP Datasheet
301Kb / 4P
   CDMA, RF-Rx SAW Filter
Revision 0: June 2004
logo
Oscilent Corporation
801-RF881.5M-D OSCILENT-801-RF881.5M-D Datasheet
219Kb / 3P
   CDMA, RF-Rx SAW Filter
logo
Transko Electronics, In...
TA881DM TRANSKO-TA881DM Datasheet
366Kb / 4P
   CDMA , RF-Rx SAW Filter
Revision 1: July 2015
TA881DL TRANSKO-TA881DL Datasheet
344Kb / 4P
   CDMA, RF-Rx SAW Filter
Revision 0:
logo
EPCOS
B5242 EPCOS-B5242 Datasheet
62Kb / 7P
   SAW IF filter W-CDMA
logo
Transko Electronics, In...
TA881FL1 TRANSKO-TA881FL1 Datasheet
427Kb / 4P
   CDMA, Balanced RF-Rx SAW Filter
Revision 0:
TF-088102-C12 TRANSKO-TF-088102-C12 Datasheet
546Kb / 4P
   CDMA, RF-Rx Balanced SAW Filter
Revision 0: November 2012
TA881JM3 TRANSKO-TA881JM3 Datasheet
365Kb / 4P
   CDMA, Balanced RF-Rx SAW Filter
Revision 0: MAY 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com