Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7100.1158.xx Datasheet(PDF) 3 Page - Schurter Inc.

Part # 7100.1158.xx
Description  Subminiature Fuse, 11.5 x 5 mm, Flink F
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7100.1158.xx Datasheet(HTML) 3 Page - Schurter Inc.

  7100.1158.xx Datasheet HTML 1Page - Schurter Inc. 7100.1158.xx Datasheet HTML 2Page - Schurter Inc. 7100.1158.xx Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Non resettable fuses
FRT 250F
www.schurter.com/pg0_2
Fuses
Time-Current Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsanamendments.


Similar Part No. - 7100.1158.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7100.1108.xx SCHURTER-7100.1108.xx Datasheet
457Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Tr짰e T
7100.1109.xx SCHURTER-7100.1109.xx Datasheet
457Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Tr짰e T
7100.1110.xx SCHURTER-7100.1110.xx Datasheet
457Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Tr짰e T
7100.1111.xx SCHURTER-7100.1111.xx Datasheet
457Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Tr짰e T
7100.1112.xx SCHURTER-7100.1112.xx Datasheet
457Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Tr짰e T
More results

Similar Description - 7100.1158.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FRT250F SCHURTER-FRT250F_V01 Datasheet
285Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
29.09.2021
FRT250F SCHURTER-FRT250F_V02 Datasheet
345Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
04.01.2022
FRT250F SCHURTER-FRT250F_18 Datasheet
267Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
FRT250T SCHURTER-FRT250T Datasheet
457Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Tr짰e T
FRT250T SCHURTER-FRT250T_V02 Datasheet
339Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Time-Lag T
04.01.2022
MSU125 SCHURTER-MSU125 Datasheet
250Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_V01 Datasheet
291Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
04.10.2018
20300013 SCHURTER-20300013 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_18 Datasheet
282Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSF250 SCHURTER-MSF250 Datasheet
305Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com