Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7100.1061.xx Datasheet(PDF) 1 Page - Schurter Inc.

Part # 7100.1061.xx
Description  Subminiature Fuse, 11.5 x 5 mm, Flink F
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7100.1061.xx Datasheet(HTML) 1 Page - Schurter Inc.

  7100.1061.xx Datasheet HTML 1Page - Schurter Inc. 7100.1061.xx Datasheet HTML 2Page - Schurter Inc. 7100.1061.xx Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Non resettable fuses
FRT 250F
www.schurter.com/pg0_2
Fuses
Subminiature Fuse, 11.5 x 5 mm, Flink F
 
 
IEC 60127-4 · 250VAC · Quick-Acting F
Description
-Notrecommendedfornewdesigns
Standards
-IEC60127-4/1
-UL248-14
-CSAC22.2no.248.14
Approvals
-ULFileNumber:E41599
Applications
-PrimaryProtectiononPCB
References
GeneralProductInformation
Time-CurrentCurvesseelastpage
CorrespondingFuseholder231819
PackagingDetails
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,SCHURTER-Stock-Check,
Distributor-Stock-Check
Technical Data
RatedVoltage
250VAC
RatedCurrent
0.16-10A
BreakingCapacity
100A
Characteristic
Quick-ActingF
Mounting
PCB,THT
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Housing
Thermoplastic,UL94V-0
Material:Terminals
Tin-PlatedCopper
UnitWeight
0.72g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,CurrentRating,VoltageRating,Cha-
racteristic,BreakingCapacity,Approvals
SolderingMethods
Wave,Iron
Solderability
235°C/2secacc.toIEC60068-2-20,
TestTa,method1
ResistancetoSolderingHeat
260°C/5secacc.toIEC60068-2-20,
TestTb,method1A
ResistancetoVibration
acc.toIEC60068-2-6,testFc
Dimensions
Length
11.5mm
 
11.5
5
7.5
ø 0.6
11.5
7.5
1
+0.1
0
7.5
Drilling Diagram
Pre-Arcing Time
Rated Current In
.25 x In min. 2.0 x In max. 0.0 x In min.
0.0 x
In max.
0.16 A - 10 A
60 min
120 s
1 ms
10 ms
Distributor-Stock-Check|SCHURTER-Stock-Check|e-Store


Similar Part No. - 7100.1061.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7100.1064.13 SCHURTER-7100.1064.13 Datasheet
285Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
29.09.2021
7100.1065.13 SCHURTER-7100.1065.13 Datasheet
285Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
29.09.2021
More results

Similar Description - 7100.1061.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FRT250F SCHURTER-FRT250F_V01 Datasheet
285Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
29.09.2021
FRT250F SCHURTER-FRT250F_V02 Datasheet
345Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
04.01.2022
FRT250F SCHURTER-FRT250F_18 Datasheet
267Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
FRT250T SCHURTER-FRT250T Datasheet
457Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Tr짰e T
FRT250T SCHURTER-FRT250T_V02 Datasheet
339Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Time-Lag T
04.01.2022
MSU125 SCHURTER-MSU125 Datasheet
250Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_V01 Datasheet
291Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
04.10.2018
20300013 SCHURTER-20300013 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_18 Datasheet
282Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSF250 SCHURTER-MSF250 Datasheet
305Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com