Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5500.2006 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 5500.2006
Description  AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2006 Datasheet(HTML) 3 Page - Schurter Inc.

  5500.2006 Datasheet HTML 1Page - Schurter Inc. 5500.2006 Datasheet HTML 2Page - Schurter Inc. 5500.2006 Datasheet HTML 3Page - Schurter Inc. 5500.2006 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

-Phase Line Filters
FPP-0
www.schurter.com/pg06_
EMC Products
Attenuation Loss
----differentialmode_____commonmode
Standardversion
0.6 A
1 A
2 A
4 A
6 A
0.7 A
1 A
2 A
3 A
1 A
3 A
Medicalversion(M5)
0.6 A
1 A
2 A
4 A
6 A
0.7 A
1 A
2 A
3 A
1 A
3 A


Similar Part No. - 5500.2006

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2014 SCHURTER-5500.2014 Datasheet
435Kb / 3P
   AC Filter for PCB Mounting in Flat Housing
5500.2015 SCHURTER-5500.2015 Datasheet
435Kb / 3P
   AC Filter for PCB Mounting in Flat Housing
5500.2016 SCHURTER-5500.2016 Datasheet
435Kb / 3P
   AC Filter for PCB Mounting in Flat Housing
5500.2017 SCHURTER-5500.2017 Datasheet
435Kb / 3P
   AC Filter for PCB Mounting in Flat Housing
5500.2018 SCHURTER-5500.2018 Datasheet
435Kb / 3P
   AC Filter for PCB Mounting in Flat Housing
More results

Similar Description - 5500.2006

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
   AC Filter for PCB Mounting Cost Optimized
5500 SCHURTER-5500 Datasheet
664Kb / 3P
   AC Filter for PCB Mounting
5500 SCHURTER-5500_V01 Datasheet
566Kb / 5P
   AC Filter for PCB Mounting
FPP-02 SCHURTER-FPP-02 Datasheet
435Kb / 3P
   AC Filter for PCB Mounting in Flat Housing
FPP-02 SCHURTER-FPP-02_V01 Datasheet
494Kb / 5P
   AC Filter for PCB Mounting in Flat Housing
FMLB-51 SCHURTER-FMLB-51 Datasheet
384Kb / 3P
   AC Filter Cost Optimized
FMLB-09 SCHURTER-FMLB-09 Datasheet
499Kb / 3P
   AC Filter Cost Optimized
FMLB-09 SCHURTER-FMLB-09_V02 Datasheet
436Kb / 4P
   AC Filter Cost Optimized
08.11.2021
FMLB-41 SCHURTER-FMLB-41 Datasheet
401Kb / 3P
   AC Filter Cost Optimized
FMAB-72 SCHURTER-FMAB-72_V01 Datasheet
552Kb / 4P
   AC Filter for PCB Mounting in Flat Aluminum Housing
15.09.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com