Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5500.2016 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 5500.2016
Description  AC Filter for PCB Mounting in Flat Housing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2016 Datasheet(HTML) 2 Page - Schurter Inc.

  5500.2016 Datasheet HTML 1Page - Schurter Inc. 5500.2016 Datasheet HTML 2Page - Schurter Inc. 5500.2016 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
-Phase Line Filters
FPP-02
www.schurter.com/pg06_
EMC Products
Dimensions
Case 27P
24±0.5
20±0.3
17.5±0.5
4.5±0.5
10±0.3
1)
2)
1) Line
2) Load
Case 27-1P
24±0.5
15±0.3
(1.25)
4.5 ±0.5
17.5±0.5
1)
2)
Diagrams
S2 standard version
1)
2)
1) Line
2) Load
S3 standard version
1)
2)
1) Line
2) Load
Attenuation Loss
----differentialmode_____commonmode
Standardversion
0.5 A
1 A
1.6 A
2.5 A
4 A
6.5 A
0.8 A


Similar Part No. - 5500.2016

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2010 SCHURTER-5500.2010 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
More results

Similar Description - 5500.2016

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FPP-02 SCHURTER-FPP-02_V01 Datasheet
494Kb / 5P
   AC Filter for PCB Mounting in Flat Housing
FMAB-72 SCHURTER-FMAB-72_V01 Datasheet
552Kb / 4P
   AC Filter for PCB Mounting in Flat Aluminum Housing
15.09.2021
FMAB-72 SCHURTER-FMAB-72 Datasheet
492Kb / 3P
   AC Filter for PCB Mounting in Flat Aluminum Housing
5500 SCHURTER-5500 Datasheet
664Kb / 3P
   AC Filter for PCB Mounting
5500 SCHURTER-5500_V01 Datasheet
566Kb / 5P
   AC Filter for PCB Mounting
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
   AC Filter for PCB Mounting Cost Optimized
FPP-01 SCHURTER-FPP-01 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
logo
PREMO CORPORATION S.L
FAM_FILE00000052 PREMO-FAM_FILE00000052 Datasheet
122Kb / 1P
   Plastic case filter for PCB mounting
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
logo
Schaffner International...
FN-405 SCHAFFNER-FN-405 Datasheet
1Mb / 3P
   PCB-mounting filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com