Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5500.2102 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5500.2102
Description  AC Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2102 Datasheet(HTML) 1 Page - Schurter Inc.

  5500.2102 Datasheet HTML 1Page - Schurter Inc. 5500.2102 Datasheet HTML 2Page - Schurter Inc. 5500.2102 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

-Phase Line Filters
FMW-4
www.schurter.com/pg06_
EMC Products
AC Filter
Standard- or Medical-Filter
Description
-Chassis:
Screw-onmounting,fromtop
-Linefilterinstandardandmedicalversion,1-stage,standardattenua-
tion
-Quickconnectterminals6.3x0.8mm
Approvals
-VDELicenseNumber:40004673
-ULLicenseNumber:E72928
Characteristics
-Designedforstandardapplications
-Protectionagainstinterferencevoltagefromthemains
Possibleinterferencesgeneratedintheequipmentarestronglyattenu-
ated
-Universallinefilterforstandardapplications
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Versionwithwireconnection
-MedicalversionM80
-VersionwithZNR-varistorforovervoltageprotection
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
1-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
1-10A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.25mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
Material:Housing
Alu.anodised
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>200'000hacc.toMIL-HB-217F


Similar Part No. - 5500.2102

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2106 SCHURTER-5500.2106 Datasheet
492Kb / 3P
   AC Filter for PCB Mounting in Flat Aluminum Housing
5500.2107 SCHURTER-5500.2107 Datasheet
492Kb / 3P
   AC Filter for PCB Mounting in Flat Aluminum Housing
5500.2108 SCHURTER-5500.2108 Datasheet
492Kb / 3P
   AC Filter for PCB Mounting in Flat Aluminum Housing
5500.2109 SCHURTER-5500.2109 Datasheet
492Kb / 3P
   AC Filter for PCB Mounting in Flat Aluminum Housing
More results

Similar Description - 5500.2102

ManufacturerPart #DatasheetDescription
logo
Powerbox
NAM-10-000 POWERBOX-NAM-10-000 Datasheet
317Kb / 1P
   AC FILTER
NAP-10-000 POWERBOX-NAP-10-000 Datasheet
325Kb / 1P
   AC FILTER
NAC-10-472 POWERBOX-NAC-10-472 Datasheet
322Kb / 1P
   AC FILTER
TAC-10-683 POWERBOX-TAC-10-683 Datasheet
342Kb / 1P
   AC FILTER
logo
Schurter Inc.
FMW-55 SCHURTER-FMW-55 Datasheet
304Kb / 2P
   AC Filter
logo
XFMRS Inc.
XF0053V-00U2 XFMRS-XF0053V-00U2 Datasheet
38Kb / 1P
   AC LINE FILTER
XF0153V-00U2 XFMRS-XF0153V-00U2 Datasheet
48Kb / 1P
   AC LINE FILTER
XF7006-00U2 XFMRS-XF7006-00U2 Datasheet
46Kb / 1P
   AC LINE FILTER
XF5006-00U2 XFMRS-XF5006-00U2 Datasheet
38Kb / 1P
   AC LINE FILTER
XF0063-00U2 XFMRS-XF0063-00U2 Datasheet
94Kb / 2P
   AC LINE FILTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com