Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5500.2224 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 5500.2224
Description  DC-Filter, single pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2224 Datasheet(HTML) 3 Page - Schurter Inc.

  5500.2224 Datasheet HTML 1Page - Schurter Inc. 5500.2224 Datasheet HTML 2Page - Schurter Inc. 5500.2224 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

-Phase Line Filters
FMEB
www.schurter.com/pg06_
EMC Products
Attenuation Loss
----differentialmode_____commonmode
Standardversion
5 A
10 A
15 A
20 A
24 A
30 A
Variants
Rated Current
[A]
L [mH]
Cx (X) [nF]
Cy (Y) [nF]
R [M
Ω]
Weight
[g]
Housing
Packaging unit
Order Number
5
2 x 0.75
100
100
1
175
85-2
10
5500.2223
10
2 x 0.2
100
100
1
175
85-2
10
5500.2224
15
2 x 0.1
100
100
1
175
85-2
10
5500.2225
20
2 x 0.07
100
100
1
175
85-2
10
5500.2226
24
2 x 0.14
100
100
1
255
86-2
10
5500.2227
30
2 x 0.08
100
100
1
265
86-6
10
5500.2228
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 5500.2224

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2229 SCHURTER-5500.2229 Datasheet
559Kb / 3P
   DC-Filter, dual pole
More results

Similar Description - 5500.2224

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMEC SCHURTER-FMEC Datasheet
559Kb / 3P
   DC-Filter, dual pole
logo
Tyco Electronics
MASWGM0005-DIE MACOM-MASWGM0005-DIE Datasheet
153Kb / 5P
   Switch, Single-Pole, Double-Throw DC-5.0 GHz
logo
TE Connectivity Ltd
CAP120 TEC-CAP120 Datasheet
282Kb / 4P
   Single Pole Hermetically Sealed 150 Amp DC Contactors
logo
Teledyne Technologies I...
S2CP20101 TELEDYNE-S2CP20101 Datasheet
105Kb / 1P
   DC TO 20 GHz NON REFLECTIVE SINGLE-POLE SINGLE-THROW SWITCH
logo
BeRex Corporation
BSW841 BEREX-BSW841_18 Datasheet
643Kb / 5P
   DC~4GHz Wide Band Single Pole Double Throw Switch
BSW841 BEREX-BSW841 Datasheet
289Kb / 4P
   DC~4GHz Wide Band Single Pole Double Throw Switch
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
   SINGLE POLE AND DOUBLE POLE
logo
Carling Technologies
RA901-VB-B-9-V CARLINGTECH-RA901-VB-B-9-V Datasheet
599Kb / 4P
   Single Pole Rocker
logo
GREEGOO Electric Co.,Lt...
6RCBE GREEGOO-6RCBE Datasheet
934Kb / 2P
   Single pole Rcbo
logo
Powerbox
SNA-01-223 POWERBOX-SNA-01-223 Datasheet
287Kb / 1P
   DC FILTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com