Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMAD-0934-5010 Datasheet(PDF) 5 Page - Schurter Inc.

Part # FMAD-0934-5010
Description  1-stage filter for 3-phase systems with neutral conductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMAD-0934-5010 Datasheet(HTML) 5 Page - Schurter Inc.

  FMAD-0934-5010 Datasheet HTML 1Page - Schurter Inc. FMAD-0934-5010 Datasheet HTML 2Page - Schurter Inc. FMAD-0934-5010 Datasheet HTML 3Page - Schurter Inc. FMAD-0934-5010 Datasheet HTML 4Page - Schurter Inc. FMAD-0934-5010 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
3-Phase Filters
FMAD
www.schurter.com/pg80
EMC Products
Variants
Rated Current
@ Ta 40°C (75°C) [A]
Rated Voltage [VAC]
Tripped Power Dissi-
pation [W]
Contact Resi-
stance [m
Ω]
Weight
[kg]
Clamps [mm]
Housing
Order Number
6 (4.8)
275 - 480
3.9
27
0.95
4
24-4
FMAD-0924-0610
8 (5)
275 - 480
9
35
1.9
4
31-4
FMAD-0931-0810
16 (9.5)
275 - 480
15.4
15
2.1
4
31-4
FMAD-0931-1610
16 (9.5)
275 - 480
15.4
15
3.1
4
32-4
FMAD-0932-1610
25 (13)
275 - 480
11.5
4.6
3.35
6
32-8
FMAD-0932-2510
36 (19)
275 - 480
21
4
3.4
10
34-4
FMAD-0934-3610
50 (32)
275 - 480
20
2
3.4
10
34-4
FMAD-0934-5010
80 (43)
275 - 480
39
1.5
7.35
25
37-4
FMAD-0937-8010
64 (34)
275 - 480
27
1.6
4.3
25
53-4
FMAD-0953-6410
110 (66)
275 - 480
58
1.2
7.25
50
54-4
FMAD-0954-H110
180 (95)
275 - 480
51
0.39
22
95
55-4
FMAD-0955-H210
250 (120)
275 - 480
62.5
0.25
24.5
240
56-4
FMAD-0956-H310
1)ConnectionstrapsforM10
6Aversion:packingunit2pcs.
Packaging unit
1Pcs
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - FMAD-0934-5010

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAD-T4QT-1660.EU SCHURTER-FMAD-T4QT-1660.EU Datasheet
322Kb / 3P
   1-stage filter with 3-phase CEE connector
FMAD-T4QT-3060.US SCHURTER-FMAD-T4QT-3060.US Datasheet
322Kb / 3P
   1-stage filter with 3-phase CEE connector
FMAD-T4QT-3260.EU SCHURTER-FMAD-T4QT-3260.EU Datasheet
322Kb / 3P
   1-stage filter with 3-phase CEE connector
More results

Similar Description - FMAD-0934-5010

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAD SCHURTER-FMAD_V01 Datasheet
545Kb / 6P
   1-stage filter for 3-phase systems with neutral conductor
FMADCP SCHURTER-FMADCP Datasheet
442Kb / 4P
    1-stage filter for 3-phase systems with neutral conductor
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
   Compact 1-stage filter for 3-phase systems with neutral conductor
FMBD SCHURTER-FMBD Datasheet
968Kb / 6P
   2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMADRAIL SCHURTER-FMADRAIL Datasheet
350Kb / 3P
   1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMADRAIL SCHURTER-FMADRAIL_V01 Datasheet
355Kb / 3P
   1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMAC SCHURTER-FMAC_V01 Datasheet
848Kb / 8P
   1- stage filter for 3-phase systems
FMADNEO SCHURTER-FMADNEO Datasheet
749Kb / 6P
   1-stage filter for 3-phase systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com