Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLSM1108 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLSM1108
Description  Panel Circuit Indicator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSM1108 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TLSM1108 Datasheet HTML 4Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 5Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 6Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 7Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 8Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 9Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 10Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 11Page - Toshiba Semiconductor TLSM1108 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TL(RM,RMM,SM,OM,YM)1108(T11)
2010-01-29
8
TLYM1108
0
540
580
600
620
660
0.2
0.4
0.6
0.8
1.0
IF = 50 mA
Ta
= 25°C
560
640
IV – IF
10
1
10
100
1000
100
300
30
3000
3
30
Ta
= 25°C
1
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3
10
30
100
IF – VF
Ta
= 25°C
IV – Tc
0.1
−40
1
10
−20
0
20
40
60
80
100
0.3
0.5
3
5
Ta = 25°C
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
Case temperature Tc (°C)
Forward voltage VF (V)
(typ.)
Forward current IF
(mA)
(typ.)
Wavelength
λ (nm)
Wavelength characteristic
(typ.)
Radiation pattern
(typ.)
(typ.)


Similar Part No. - TLSM1108

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSM1050 TOSHIBA-TLSM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
TLSM1052 TOSHIBA-TLSM1052 Datasheet
340Kb / 14P
   TOSHIBA LED Lamp
TLSM1060 TOSHIBA-TLSM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
More results

Similar Description - TLSM1108

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com