Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLRM1060 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLRM1060
Description  Panel Circuit Indicators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRM1060 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLRM1060 Datasheet HTML 1Page - Toshiba Semiconductor TLRM1060 Datasheet HTML 2Page - Toshiba Semiconductor TLRM1060 Datasheet HTML 3Page - Toshiba Semiconductor TLRM1060 Datasheet HTML 4Page - Toshiba Semiconductor TLRM1060 Datasheet HTML 5Page - Toshiba Semiconductor TLRM1060 Datasheet HTML 6Page - Toshiba Semiconductor TLRM1060 Datasheet HTML 7Page - Toshiba Semiconductor TLRM1060 Datasheet HTML 8Page - Toshiba Semiconductor TLRM1060 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1060(T18)
2010-01-27
4
TLRM1060
IF – VF
Forward voltage VF (V)
1
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3
10
30
100
Ta
= 25°C
(typ.)
IV – IF
Forward current IF (mA)
10
1
10
100
1000
100
300
30
3000
3
30
Ta
= 25°C
(typ.)
Case temperature Tc (°C)
IV – Tc
0.1
−40
1
10
−20
0
20
40
60
80
100
0.3
0.5
3
5
(typ.)
Wavelength
λ (nm)
Wavelength characteristic
0
580
600
620
640
660
680
700
0.2
0.4
0.6
0.8
1.0
IF = 20 mA
Ta
= 25°C
(typ.)
Radiation pattern
30
°
0
°
60
°
90°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
° 10°
Ta = 25°C
(typ.)


Similar Part No. - TLRM1060

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRM1050 TOSHIBA-TLRM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
TLRM1052 TOSHIBA-TLRM1052 Datasheet
340Kb / 14P
   TOSHIBA LED Lamp
More results

Similar Description - TLRM1060

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
   Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
   Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
TLOE33CP TOSHIBA-TLOE33CP Datasheet
305Kb / 8P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com