Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B5124 Datasheet(PDF) 2 Page - EPCOS

Part # B5124
Description  SAW RF filter Basestation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5124 Datasheet(HTML) 2 Page - EPCOS

  B5124 Datasheet HTML 1Page - EPCOS B5124 Datasheet HTML 2Page - EPCOS B5124 Datasheet HTML 3Page - EPCOS B5124 Datasheet HTML 4Page - EPCOS B5124 Datasheet HTML 5Page - EPCOS B5124 Datasheet HTML 6Page - EPCOS B5124 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
November 17, 2009
B5124
737.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data Sheet
Application
s
Low-loss RF filter for Basestation
s
Usable band width 20 MHz
Features
s
Package size 3.0 x3.0 x 1.10 mm3
s
Package code DCC6C
s
RoHS compatible
s
Approximate weight 0.037 g
s
Ceramic package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Filter surface passivated
Pin configuration
s
2
Input
s
5
Output
s
1, 3, 4, 6 To be grounded


Similar Part No. - B5124

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
B512-2T CRYDOM-B512-2T Datasheet
802Kb / 5P
   Eight Circuits to Choose from
B512-2T-YDA CRYDOM-B512-2T-YDA Datasheet
802Kb / 5P
   Eight Circuits to Choose from
logo
EPCOS
B5122 EPCOS-B5122 Datasheet
155Kb / 8P
   SAW RF Filter for base stations UMTS Band VII RF Tx
B5125 EPCOS-B5125 Datasheet
89Kb / 8P
   SAW filter DCS 1800 band I
B5127 EPCOS-B5127 Datasheet
131Kb / 8P
   SAW filter WCDMA Band I
More results

Similar Description - B5124

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5113 EPCOS-B5113 Datasheet
59Kb / 6P
   SAW RF filter Basestation
B5107 EPCOS-B5107 Datasheet
56Kb / 6P
   SAW RF filter Basestation
B5117 EPCOS-B5117 Datasheet
46Kb / 6P
   SAW RF filter Basestation
logo
TriQuint Semiconductor
855049 TRIQUINT-855049_15 Datasheet
69Kb / 1P
   160 MHz CDMA SAW Filter for Basestation Transmitter Applications
logo
TDK Electronics
B39871B3440U410 TDK-B39871B3440U410 Datasheet
139Kb / 8P
   SAW RF filter
logo
Raltron Electronics Cor...
RSF-110.592-560-7050-TR RALTRON-RSF-110.592-560-7050-TR Datasheet
293Kb / 3P
   RF SAW FILTER
RSF-110.592-280-7050-TR RALTRON-RSF-110.592-280-7050-TR Datasheet
220Kb / 3P
   RF SAW FILTER
logo
TDK Electronics
B39921B4301F210 TDK-B39921B4301F210 Datasheet
84Kb / 6P
   SAW RF filter
logo
EPCOS
B3712 EPCOS-B3712_11 Datasheet
51Kb / 6P
   SAW RF filter
logo
Raltron Electronics Cor...
RSF-164.175-122-7050-TR RALTRON-RSF-164.175-122-7050-TR Datasheet
302Kb / 3P
   RF SAW FILTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com